Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1373 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1373
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1373 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1373 Datasheet HTML 5Page - Allegro MicroSystems A1373 Datasheet HTML 6Page - Allegro MicroSystems A1373 Datasheet HTML 7Page - Allegro MicroSystems A1373 Datasheet HTML 8Page - Allegro MicroSystems A1373 Datasheet HTML 9Page - Allegro MicroSystems A1373 Datasheet HTML 10Page - Allegro MicroSystems A1373 Datasheet HTML 11Page - Allegro MicroSystems A1373 Datasheet HTML 12Page - Allegro MicroSystems A1373 Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Average Delta Sensitivity
(percent change relative to 25°C)
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Sensitivity Low
Sensitivity Mid
Sensitivity High
Average Delta Sensitivity over TC Codes
(percent change relative to 25°C)
Initial Coarse Range
-15
-10
-5
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Sensitivity Low - TC Code 0
Sensitivity Low - TC Code 11
Sensitivity Low - TC Code 27
Average Delta Sensitivity
(percent per degree Celsius change relative to 25°C)
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Sensitivity Low
Sensitivity Mid
Sensitivity High
Average Delta Sensitivity
(percent per degree Celsius change relative to 25°C)
Initial Coarse Low
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Sensitivity Low - TC Code 0
Sensitivity Low - TC Code 11
Sensitivity Low - TC Code 27
Positive TC Contribution to Delta Sensitivity
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
TC Code 1
TC Code 2
TC Code 4
TC Code 8
TC Code 11
Negative TC Contribution to Delta Sensitivity
-20
-15
-10
-5
0
5
10
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
TC Code 16
TC Code 17
TC Code 18
TC Code 20
TC Code 24
TC Code 27
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
-10
-5
0
5
10
15


Similar Part No. - A1373

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKB ALLEGRO-A1373EKB Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKB-T ALLEGRO-A1373EKB-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKBTI ALLEGRO-A1373EKBTI Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373EKBTI-T ALLEGRO-A1373EKBTI-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1373

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com