Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34181 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34181
Description  Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34181 Datasheet(HTML) 1 Page - ON Semiconductor

  MC34181 Datasheet HTML 1Page - ON Semiconductor MC34181 Datasheet HTML 2Page - ON Semiconductor MC34181 Datasheet HTML 3Page - ON Semiconductor MC34181 Datasheet HTML 4Page - ON Semiconductor MC34181 Datasheet HTML 5Page - ON Semiconductor MC34181 Datasheet HTML 6Page - ON Semiconductor MC34181 Datasheet HTML 7Page - ON Semiconductor MC34181 Datasheet HTML 8Page - ON Semiconductor MC34181 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC34181,2,4
MC33181,2,4
Order this document by MC34181/D
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
P SUFFIX
PLASTIC PACKAGE
CASE 626
P SUFFIX
PLASTIC PACKAGE
CASE 646
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
PIN CONNECTIONS
(Single, Top View)
(Dual, Top View)
(Quad, Top View)
4
23
1
PIN CONNECTIONS
Offset Null
VEE
VEE
Inputs 1
Output 1
Inputs
NC
VCC
Output
Offset Null
Inputs 2
Output 2
VCC
1
2
3
4
8
7
6
5
+
1
2
3
4
8
7
6
5
1
2
1
2
3
4
5
6
78
9
10
11
12
13
14
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
+
+
+
––
+
+
+
1
8
1
8
14
1
14
1
DTB SUFFIX
PLASTIC PACKAGE
CASE 948G
(TSSOP–14)
14
1
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power, High Slew Rate,
Wide Bandwidth, JFET Input
Operational Amplifiers
Quality bipolar fabrication with innovative design concepts are employed
for the MC33181/2/4, MC34181/2/4 series of monolithic operational
amplifiers. This JFET input series of operational amplifiers operates at
210
µA per amplifier and offers 4.0 MHz of gain bandwidth product and
10 V/
µs slew rate. Precision matching and an innovative trim technique of
the single and dual versions provide low input offset voltages. With a JFET
input stage, this series exhibits high input resistance, low input offset voltage
and high gain. The all NPN output stage, characterized by no deadband
crossover distortion and large output voltage swing, provides high
capacitance drive capability, excellent phase and gain margins, low open
loop high frequency output impedance and symmetrical source/sink AC
frequency response.
The MC33181/2/4, MC34181/2/4 series of devices are specified over the
commercial or industrial/vehicular temperature ranges. The complete series
of single, dual and quad operational amplifiers are available in the plastic
DIP as well as the SOIC surface mount packages.
Low Supply Current: 210 µA (Per Amplifier)
Wide Supply Operating Range: ±1.5 V to ±18 V
Wide Bandwidth: 4.0 MHz
High Slew Rate: 10 V/µs
Low Input Offset Voltage: 2.0 mV
Large Output Voltage Swing: –14 V to +14 V (with ±15 V Supplies)
Large Capacitance Drive Capability: 0 pF to 500 pF
Low Total Harmonic Distortion: 0.04%
Excellent Phase Margin: 67°
Excellent Gain Margin: 6.7 dB
Output Short Circuit Protection
Offered in New TSSOP Package Including the Standard SOIC and
DIP Packages
ORDERING INFORMATION
Op Amp
Function
Device
Operating
Temperature Range
Package
Single
MC34181P
MC34181D
TA = 0° to +70°C
Plastic DIP
SO–8
MC33181P
MC33181D
TA = –40° to +85°C
Plastic DIP
SO–8
Dual
MC34182P
MC34182D
TA = 0° to +70°C
Plastic DIP
SO–8
MC33182P
MC33182D
TA = –40° to +85°C
Plastic DIP
SO–8
Quad
MC34184P
MC34184D
MC34184DTB
TA = 0° to +70°C
Plastic DIP
SO–14
TSSOP–14
MC33184P
MC33184D
MC33184DTB
TA = –40° to +85°C
Plastic DIP
SO–14
TSSOP–14
© Motorola, Inc. 1996
Rev 1


Similar Part No. - MC34181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34181 MOTOROLA-MC34181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
MC34181D MOTOROLA-MC34181D Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
MC34181P MOTOROLA-MC34181P Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
MC34181U MOTOROLA-MC34181U Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - MC34181

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC35080 MOTOROLA-MC35080 Datasheet
604Kb / 11P
   HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS
MC35071 MOTOROLA-MC35071 Datasheet
1,009Kb / 16P
   High Slew Rate, Wide Bandwidth Single Supply Operational Amplifiers
logo
Unisonic Technologies
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
MOSA ELECTRONICS
MS2100 MOSA-MS2100_1 Datasheet
190Kb / 6P
   Rail-to-Rail Output, Low Voltage, High Slew Rate, Wide Bandwidth Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com