Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1212ELHLT-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1212ELHLT-T
Description  Continuous-Time Latch Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1212ELHLT-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1212ELHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1212ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
A1210-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Continuous-Time Latch Family
A1210, A1211, A1212, A1213, and A1214
DEVICE QUALIFICATION PROGRAM
Contact Allegro for information.
EMC (Electromagnetic Compatibility) REQUIREMENTS
Contact Allegro for information.
OPERATING CHARACTERISTICS over full operating voltage and ambient temperature ranges, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Electrical Characteristics
Supply Voltage1
VCC
Operating, TJ < 165°C
3.8
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
10
µA
Output On Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
215
400
mV
Power-On Time2
tPO
Slew rate (dVCC/dt) < 2.5 V/µs, B > BOP + 5 G or
B < BRP – 5 G
––4
µs
Output Rise Time3
tr
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
400
ns
Output Fall Time3
tf
VCC = 12 V, RLOAD = 820 Ω, CS = 12 pF
400
ns
Supply Current
ICCON
B > BOP
4.1
7.5
mA
ICCOFF
B < BRP
3.8
7.5
mA
Reverse Battery Current
IRCC
VRCC = –30 V
–10
mA
Supply Zener Clamp Voltage
VZ
ICC = 10.5 mA; TA = 25°C
32
V
Supply Zener Current4
IZ
VZ = 32 V; TA = 25°C
10.5
mA
Magnetic Characteristics5
Operate Point
BOP
A1210
South pole adjacent to branded face
of device
25
78
150
G
A1211
15
87
180
G
A1212
50
107
175
G
A1213
80
200
G
A1214
140
300
G
Release Point
BRP
A1210
North pole adjacent to branded face
of device
–150
–78
–25
G
A1211
–180
–95
–15
G
A1212
–175
–117
–50
G
A1213
–200
–80
G
A1214
–300
–140
G
Hysteresis
BHYS
A1210
BOP – BRP
50
155
G
A1211
80
180
G
A1212
100
225
350
G
A1213
160
400
G
A1214
280
600
G
1 Maximum voltage must be adjusted for power dissipation and junction temperature, see Power Derating section.
2 For VCC slew rates greater than 250 V/µs, and TA = 150°C, the Power-On Time can reach its maximum value.
3 CS =oscilloscope probe capacitance.
4 Maximum current limit is equal to the maximum ICC(max) + 3 mA.
5 Magnetic flux density, B, is indicated as a negative value for north-polarity magnetic fields, and as a positive value for south-polarity magnetic fields.
This so-called algebraic convention supports arithmetic comparison of north and south polarity values, where the relative strength of the field is indicated
by the absolute value of B, and the sign indicates the polarity of the field (for example, a –100 G field and a 100 G field have equivalent strength, but
opposite polarity).


Similar Part No. - A1212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1212 MACOM-A1212 Datasheet
109Kb / 1P
   100 TO 1200 MHz CASCADABLE AMPLIFIER
A1212 MACOM-A1212 Datasheet
386Kb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
1Mb / 2P
   Cascadable Amplifier 100 to 1200 MHz
logo
Allegro MicroSystems
A1212 ALLEGRO-A1212 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
logo
M/A-COM Technology Solu...
A1212 MA-COM-A1212 Datasheet
730Kb / 5P
   Cascadable Amplifier 100 - 1200 MHz
More results

Similar Description - A1212ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1212LLHLX-T ALLEGRO-A1212LLHLX-T Datasheet
292Kb / 14P
   Continuous-Time Latch Family
A1210 ALLEGRO-A1210_16 Datasheet
624Kb / 14P
   Continuous-Time Latch Family
A1101 ALLEGRO-A1101 Datasheet
326Kb / 11P
   Continuous-Time Switch Family
A1102LLHLX-T ALLEGRO-A1102LLHLX-T Datasheet
756Kb / 13P
   Continuous-Time Switch Family
A1101 ALLEGRO-A1101_16 Datasheet
642Kb / 13P
   Continuous-Time Switch Family
A1202 ALLEGRO-A1202_16 Datasheet
617Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201_06 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1101 ALLEGRO-A1101_08 Datasheet
303Kb / 12P
   Continuous-Time Switch
A1205 ALLEGRO-A1205 Datasheet
710Kb / 12P
   Continuous-Time Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com