Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1374EKB-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1374EKB-T
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374EKB-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1374EKB-T Datasheet HTML 1Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 2Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 3Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 4Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 5Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 6Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 7Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 8Page - Allegro MicroSystems A1374EKB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max
Units
ELECTRICAL CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Supply Voltage
VCC
Operation within specification,
Tj < 165°C
4.5
5.0
5.5
V
Supply Current
ICC
8.2
10
mA
Reverse-Supply Current
IRCC
VCC = –16 V, TA = 25°C
16
mA
Power-On Time1
tPO
CLOAD = 10 nF, 90% full scale VOUT
300
μs
Chopping Frequency
fC
200
kHz
Internal Bandwidth
BW
A1373
Small signal -3 dB
2.5
kHz
A1374
20
kHz
OUTPUT CHARACTERISTICS
over operating temperature range, VCC=5.0 V, unless otherwise noted
Noise2,3
VN
A1373 peak-to-peak, CLOAD > 1 nF,
2.5 mV/G
6
16
mV
A1374
14
26
mV
Output Capacitance Load
CLOAD
VOUT pin to GND pin
10
nF
Output Resistive Load
RLOAD
4700
Ω
Phase Shift
ΔΦ
A1373 Magnetic signal freq. = 100 Hz
3
(°)
A1374 Magnetic signal freq. = 1000 Hz
3
(°)
Output Voltage
VOUT(Sat)HIGH
IOUTSINK = 1.2 mA,
B(kG) > (VCC–VOUT(Q)) / Sens (mV/G)
4.65
4.7
V
VOUT(Sat)LOW
IOUTSOURCE = 1.2 mA,
B(kG) < VOUT(Q) / Sens (mV/G)
0.2
0.25
V
Output Resistance
ROUT
1.5
Ω
MAGNETIC CHARACTERISTICS
Magnetic Slew Rate
SLR
V / ms / Sens
20
G/μs
PRE-PROGRAMMING TARGET (Prior to coarse and fine trim)
over operating temperature range, VCC=5.0 V, unless
otherwise noted
Pre-Programming Quiescent
Output Voltage
VOUT(Q)PRE
B = 0 G, TA = 25°C
1.62
1.80
1.98
V
Pre-Programming Sensitivity
SensPRE
TA = 25°C
1.05
1.31
1.75
mV/G
Pre-Programming Sensitivity
Temperature Coefficient
TCPRE
TA relative to 25°C
–0.016
0.05
0.104
%/°C
INITIAL COARSE PROGRAMMING
over operating temperature range, VCC=5.0 V, unless otherwise noted
Initial Coarse Quiescent Output
Voltage
VOUT(Q)INITLOW TA = 25°C
0.55
V
VOUT(Q)INITMID Reference VOUT(Q)PRE
––-
V
VOUT(Q)INITHIGH TA = 25°C
3.25
V
Initial Coarse Sensitivity
SensINITLOW
Reference SensPRE
mV/G
SensINITMID
TA = 25°C
2.8
mV/G
SensINITHIGH
TA = 25°C
5.5
mV/G
CHARACTERISTIC PARAMETERS
Continued on the next page...


Similar Part No. - A1374EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1374EKB-T ALLEGRO-A1374EKB-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1374EKB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com