Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGN3060KA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # UGN3060KA
Description  HALL-EFFECT GEAR-TOOTH SENSORS -ACCOUPLED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UGN3060KA Datasheet(HTML) 2 Page - Allegro MicroSystems

  UGN3060KA Datasheet HTML 1Page - Allegro MicroSystems UGN3060KA Datasheet HTML 2Page - Allegro MicroSystems UGN3060KA Datasheet HTML 3Page - Allegro MicroSystems UGN3060KA Datasheet HTML 4Page - Allegro MicroSystems UGN3060KA Datasheet HTML 5Page - Allegro MicroSystems UGN3060KA Datasheet HTML 6Page - Allegro MicroSystems UGN3060KA Datasheet HTML 7Page - Allegro MicroSystems UGN3060KA Datasheet HTML 8Page - Allegro MicroSystems UGN3060KA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3059 AND 3060
HALL-EFFECT
GEAR-TOOTH SENSORS
—AC COUPLED
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
UGS3059KA
UGN3060KA or UGS3060KA
Characteristic
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Operate Point, BOP
Output switches OFF to ON
10
65
100
5.0
15
35
G
Release Point, BRP
Output switches ON to OFF
-100
-65
-10
-35
-15
-5.0
G
Hysteresis, Bhys
BOP - BRP
130
——
30
G
FUNCTIONAL BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS over operating temperature range.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Operating
4.5
24
V
Output Saturation Voltage
VOUT(SAT)
IOUT = 20 mA, B > BOP
130
400
mV
Output Leakage Current
IOFF
VOUT = 24 V, B < BRP
——
10
µA
Supply Current
ICC
VCC = 18 V, B < BRP
11
20
mA
High-Frequency Cutoff
fcoh
-3 dB
30
——
kHz
Output Rise time
tr
VOUT = 12 V, RL = 820 Ω
0.04
0.2
µs
Output Fall time
tf
VOUT = 12 V, RL = 820 Ω
0.18
0.3
µs
MAGNETIC CHARACTERISTICS over operating temperature and supply voltage ranges
Part Numbers
NOTES: 1. Magnetic switch points are specified as the difference in magnetic fields at the two Hall elements.
2. As used here, negative flux densities are defined as less than zero (algebraic convention).
3. Typical values are at T
A = 25°C and VCC = 12 V.
4. 1 gauss (G) is exactly equal to 0.1 millitesla (mT).
OUTPUT
X
X
Dwg. FH-008
SUPPLY
GROUND
FILTER
FILTER
REG
+
-
1
4
5
2
3
Copyright © 1993, 2002 Allegro MicroSystems, Inc.


Similar Part No. - UGN3060KA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3060KA ALLEGRO-UGN3060KA Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
More results

Similar Description - UGN3060KA

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GTN1A112 HONEYWELL-ACC-GTN1A112 Datasheet
105Kb / 2P
   Hall Effect Gear Tooth Sensors
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
   HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
logo
Nanjing Ouzhuo Technolo...
PCC020 OHHALLSENSOR-PCC020 Datasheet
260Kb / 5P
   Hall effect Gear tooth Sensor
logo
Allegro MicroSystems
ATS610LSA ALLEGRO-ATS610LSA Datasheet
182Kb / 16P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
   True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
A3064 ALLEGRO-A3064 Datasheet
143Kb / 8P
   HALL-EFFECT GEAR-TOOTH SENSOR -AC COUPLED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS610LSC ALLEGRO-ATS610LSC Datasheet
82Kb / 12P
   DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
September 3, 1998
ATS660LSB ALLEGRO-ATS660LSB Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com