Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1374LKBTI Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1374LKBTI
Description  HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1374LKBTI Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1374LKBTI Datasheet HTML 6Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 7Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 8Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 9Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 10Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 11Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 12Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 13Page - Allegro MicroSystems A1374LKBTI Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
A1373-DS, Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
High Precision, Output Pin Programmable, Linear Hall Effect Sensors
A1373 and A1374
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Vout(q)Low - Initial
Vout(q)Mid - Initial
Vout(q)High - Initial
Average Quiescent Output Voltage
Max Code (511)
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Vout(q)Low - Max Code
Vout(q)Mid - Max Code
Vout(q)High - Max Code
Relative to 25°C, Initial Sensitivity
-10
-8
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Vout(q)Low
Vout(q)Mid
Vout(q)High
Average Quiescent Output Voltage over Sensitivity
1.75
1.77
1.79
1.81
1.83
1.85
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Vout(q)Mid - SensLow
Vout(q)Mid - SensMid
Vout(q)Mid - SensHigh
Average Initial Quiescent Output Voltage vs Supply Voltage
TA = 25°C
4
4.5
5
5.5
6
Supply Voltage (V)
Vout(q)Low - Initial
Vout(q)Mid - Initial
Vout(q)High - Initial
Average Quiescent Output Voltage
Average Delta Quiescent Output Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0


Similar Part No. - A1374LKBTI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1374LKBTI ALLEGRO-A1374LKBTI Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1374LKBTI-T ALLEGRO-A1374LKBTI-T Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
More results

Similar Description - A1374LKBTI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
logo
Micronas
HAL82X MICRONAS-HAL82X_1 Datasheet
263Kb / 2P
   High-Precision Programmable Hall-Effect Sensors
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL2455 MICRONAS-HAL2455 Datasheet
454Kb / 30P
   High-Precision Programmable Linear Hall-Effect Sensor with PWM Output
logo
List of Unclassifed Man...
MLX90215 ETC2-MLX90215 Datasheet
301Kb / 9P
   Precision Programmable Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215 Datasheet
676Kb / 10P
   Precision Programmable Linear Hall Effect Sensor
MLX90215 MELEXIS-MLX90215_17 Datasheet
1Mb / 15P
   Precision Programmable Linear Hall Effect Sensor
logo
Micronas
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
   High-Precision Programmable Linear Hall-Effect Sensor Family
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
   High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com