Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3245 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3245
Description  Chopper-Stabilized Omnipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3245 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3245 Datasheet HTML 1Page - Allegro MicroSystems A3245 Datasheet HTML 2Page - Allegro MicroSystems A3245 Datasheet HTML 3Page - Allegro MicroSystems A3245 Datasheet HTML 4Page - Allegro MicroSystems A3245 Datasheet HTML 5Page - Allegro MicroSystems A3245 Datasheet HTML 6Page - Allegro MicroSystems A3245 Datasheet HTML 7Page - Allegro MicroSystems A3245 Datasheet HTML 8Page - Allegro MicroSystems A3245 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
A3245-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Omnipolar Hall Effect Switches
A3245
Product Selection Guide
Part Number
Pb-Free
Packing*
Mounting
Ambient, TA
(°C)
A3245ELHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 85
A3245ELHLT-T
Yes
A3245EUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3245EUA-T
Yes
A3245LLHLT
7-in. reel, 3000 pieces/reel
3-pin SOT23W surface mount
–40 to 150
A3245LLHLT-T
Yes
A3245LUA
Bulk, 500 pieces/bag
3-pin SIP through hole
A3245LUA-T
Yes
*Contact Allegro for additional packing options.
Functional Block Diagram
Regulator
GND
VCC
VOUT
Control
Current Limit
<1Ω
To All Subcircuits
Amp
Amp
Terminal List
Name
Description
Number
Package LH
Package UA
VCC
Connects power supply to chip
1
1
VOUT
Output from circuit
2
3
GND
Ground
3
2


Similar Part No. - A3245

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245ELHLT-T ALLEGRO-A3245ELHLT-T Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245EUA-T ALLEGRO-A3245EUA-T Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245LLHLT-T ALLEGRO-A3245LLHLT-T Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A3245LUA-T ALLEGRO-A3245LUA-T Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
More results

Similar Description - A3245

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245_06 Datasheet
366Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126 ALLEGRO-A1126_16 Datasheet
775Kb / 14P
   Chopper-Stabilized Omnipolar Hall-Effect Switch
A1126LLHLT-T ALLEGRO-A1126LLHLT-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1126LUA-T ALLEGRO-A1126LUA-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_12 Datasheet
331Kb / 15P
   Chopper Stabilized Precision Hall Effect Switches
A1121 ALLEGRO-A1121 Datasheet
312Kb / 13P
   Chopper Stabilized Precision Hall Effect Switches
A1120 ALLEGRO-A1120_16 Datasheet
886Kb / 18P
   Chopper-Stabilized Precision Hall-Effect Switches
1120 ALLEGRO-1120_V12 Datasheet
345Kb / 14P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com