Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3950 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3950
Description  DMOS Full-Bridge Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3950 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3950 Datasheet HTML 1Page - Allegro MicroSystems A3950 Datasheet HTML 2Page - Allegro MicroSystems A3950 Datasheet HTML 3Page - Allegro MicroSystems A3950 Datasheet HTML 4Page - Allegro MicroSystems A3950 Datasheet HTML 5Page - Allegro MicroSystems A3950 Datasheet HTML 6Page - Allegro MicroSystems A3950 Datasheet HTML 7Page - Allegro MicroSystems A3950 Datasheet HTML 8Page - Allegro MicroSystems A3950 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A3950DS
2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A3950
DMOS Full-Bridge Motor Driver
Functional Block Diagram
UVLO
STB
STG
TSD Warning
VBB
OUTA
OUTB
SENSE
Low-Side
Gate Supply
Charge
Pump
Motor Lead
Protection
Pad
Control Logic
Bias
Supply
GND
GND
SLEEP
NFAULT
PHASE
ENABLE
MODE
VREG
22 µF
25 V
0.1 µF
0.1 µF
0.1 µF
100 µF
OUTA
VBB
VCP
Load Supply
CP2
CP1
OUTB
SENSE
RSENSE
Control Logic Table1
Pin
Function
PHASE
ENABLE
MODE
SLEEP
OUTA
OUTB
1
1
X
1
H
L
Forward
0
1
X
1
L
H
Reverse
X
0
1
1
L
L
Brake (slow decay)
1001
L
H
Fast Decay Synchronous Rectification2
0001
H
L
Fast Decay Synchronous Rectification2
XXX
0
Z
Z
Sleep Mode
1X iindicates “don’t care,” Z indicates high impedence.
2
To prevent reversal of current during fast decay synchronous rectification, outputs go to the high impedance state as the current approaches 0 A.
Preliminary Data Sheet
Subject to Change without Notice
November 4, 2005


Similar Part No. - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2000T 3M-A3950-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2010T 3M-A3950-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3950

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950_06 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com