Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3282EUA Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A3282EUA
Description  Chopper-Stabilized Hall Effect Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3282EUA Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A3282EUA Datasheet HTML 3Page - Allegro MicroSystems A3282EUA Datasheet HTML 4Page - Allegro MicroSystems A3282EUA Datasheet HTML 5Page - Allegro MicroSystems A3282EUA Datasheet HTML 6Page - Allegro MicroSystems A3282EUA Datasheet HTML 7Page - Allegro MicroSystems A3282EUA Datasheet HTML 8Page - Allegro MicroSystems A3282EUA Datasheet HTML 9Page - Allegro MicroSystems A3282EUA Datasheet HTML 10Page - Allegro MicroSystems A3282EUA Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
A3282-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Hall Effect Latch
A3282
Figure 2. Chopper Stabilization Circuit (Dynamic Quadrature Offset Cancellation)
Amp
Regulator
Clock/Logic
Hall Element
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed
across the Hall element. This voltage is disproportionally small
relative to the offset that can be produced at the output of the
Hall sensor. This makes it difficult to process the signal while
maintaining an accurate, reliable output over the specified oper-
ating temperature and voltage ranges.
Chopper stabilization is a unique approach used to minimize
Hall offset on the chip. The patented Allegro technique, namely
Dynamic Quadrature Offset Cancellation, removes key sources
of the output drift induced by thermal and mechanical stresses.
This offset reduction technique is based on a signal modulation-
demodulation process. The undesired offset signal is separated
from the magnetic-field-induced signal in the frequency domain,
through modulation. The subsequent demodulation acts as a
modulation process for the offset, causing the magnetic-field-
induced signal to recover its original spectrum at baseband,
while the dc offset becomes a high-frequency signal. The mag-
netic-field-induced signal then can pass through a low-pass filter,
while the modulated dc offset is suppressed. This configuration
is illustrated in figure 2.
The chopper stabilization technique uses a 200 kHz high-fre-
quency clock. For demodulation process, a sample and hold
technique is used, where the sampling is performed at twice the
chopper frequency (400 kHz). This high-frequency operation
allows a greater sampling rate, which results in higher accuracy
and faster signal-processing capability. This approach desensi-
tizes the chip to the effects of thermal and mechanical stresses,
and produces devices that have extremely stable quiescent Hall
output voltages and precise recoverability after temperature
cycling. This technique is made possible through the use of a
BiCMOS process, which allows the use of low-offset, low-noise
amplifiers in combination with high-density logic integration and
sample-and-hold circuits.
The repeatability of magnetic-field-induced switching is affected
slightly by a chopper technique. However, the Allegro high-
frequency chopping approach minimizes the affect of jitter and
makes it imperceptible in most applications. Applications that
are more likely to be sensitive to such degradation are those
requiring precise sensing of alternating magnetic fields; for
example, speed sensing of ring-magnet targets. For such applica-
tions, Allegro recommends its digital sensor families with lower
sensitivity to jitter. For more information on those devices,
contact your Allegro sales representative.


Similar Part No. - A3282EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282EUA-T ALLEGRO-A3282EUA-T Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results

Similar Description - A3282EUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282_06 Datasheet
354Kb / 11P
   Chopper-Stabilized Hall Effect Latch
A1244LLHLX-I1-T ALLEGRO-A1244LLHLX-I1-T Datasheet
259Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1245 ALLEGRO-A1245 Datasheet
567Kb / 13P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244 Datasheet
260Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Latch
A1244 ALLEGRO-A1244_16 Datasheet
725Kb / 12P
   Chopper-Stabilized, Two-Wire Hall-Effect Latch
A1242 ALLEGRO-A1242 Datasheet
363Kb / 11P
   Two-Wire Chopper-Stabilized Hall Effect Latch
A1260 ALLEGRO-A1260 Datasheet
444Kb / 13P
   Chopper-Stabilized Precision Vertical Hall-Effect Latch
logo
First Components Intern...
FUS1881 FCI-FUS1881 Datasheet
636Kb / 4P
   FUS1881 CMOS Chopper Stabilized, Hall - Effect Sensor (Latch)
logo
Allegro MicroSystems
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com