Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3983 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3983
Description  DMOS Microstepping Driver with Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3983 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3983 Datasheet HTML 3Page - Allegro MicroSystems A3983 Datasheet HTML 4Page - Allegro MicroSystems A3983 Datasheet HTML 5Page - Allegro MicroSystems A3983 Datasheet HTML 6Page - Allegro MicroSystems A3983 Datasheet HTML 7Page - Allegro MicroSystems A3983 Datasheet HTML 8Page - Allegro MicroSystems A3983 Datasheet HTML 9Page - Allegro MicroSystems A3983 Datasheet HTML 10Page - Allegro MicroSystems A3983 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
26184.29A
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A3983
DMOS Microstepping Driver with Translator
pin is tied to an external voltage > 3 V, then tOFF defaults to
30 μs. The ROSC pin can be safely connected to the VDD
pin for this purpose. The value of tOFF (μs) is approximately
tOFF ≈ ROSC ⁄ 825
Blanking. This function blanks the output of the current
sense comparators when the outputs are switched by the
internal current control circuitry. The comparator outputs are
blanked to prevent false overcurrent detection due to reverse
recovery currents of the clamp diodes, and switching tran-
sients related to the capacitance of the load. The blank time,
tBLANK (μs), is approximately
tBLANK ≈ 1 μs
Charge Pump (CP1 and CP2). The charge pump is
used to generate a gate supply greater than that of VBB
for driving the source-side DMOS gates. A 0.1 μF ceramic
capacitor, should be connected between CP1 and CP2. In
addition, a 0.1 μF ceramic capacitor is required between
VCP and VBB, to act as a reservoir for operating the
high-side DMOS gates.
VREG (VREG). This internally-generated voltage is used
to operate the sink-side DMOS outputs. The VREG pin must
be decoupled with a 0.22 μF ceramic capacitor to ground.
VREG is internally monitored. In the case of a fault condi-
tion, the DMOS outputs of the A3983 are disabled.
Enable Input (ENABLE). This input turns on or off all of
the DMOS outputs. When set to a logic high, the outputs are
disabled. When set to a logic low, the internal control enables
the outputs as required. The translator inputs STEP, DIR,
MS1, and MS2, as well as the internal sequencing logic, all
remain active, independent of the ENABLE input state.
Shutdown. In the event of a fault, overtemperature
(excess TJ) or an undervoltage (on VCP), the DMOS out-
puts of the A3983 are disabled until the fault condition is
removed. At power-on, the UVLO (undervoltage lockout)
circuit disables the DMOS outputs and resets the translator to
the Home state.
Sleep Mode (SLEEP). To minimize power consumption
when the motor is not in use, this input disables much of the
internal circuitry including the output DMOS FETs, current
regulator, and charge pump. A logic low on the SLEEP pin
puts the A3983 into Sleep mode. A logic high allows normal
operation, as well as start-up (at which time the A3983 drives
the motor to the Home microstep position). When emerging
from Sleep mode, in order to allow the charge pump to stabi-
lize, provide a delay of 1 ms before issuing a Step command.
Mixed Decay Operation. The bridge can operate in
Mixed Decay mode, depending on the step sequence, as
shown in figures 3 thru 5. As the trip point is reached, the
A3983 initially goes into a fast decay mode for 31.25% of
the off-time. tOFF. After that, it switches to Slow Decay mode
for the remainder of tOFF.
Synchronous Rectification. When a PWM-off cycle
is triggered by an internal fixed–off-time cycle, load current
recirculates according to the decay mode selected by the
control logic. This synchronous rectification feature turns on
the appropriate FETs during current decay, and effectively
shorts out the body diodes with the low DMOS RDSON. This
reduces power dissipation significantly, and can eliminate
the need for external Schottky diodes in many applications.
Turning off synchronous rectification prevents the reversal of
the load current when a zero-current level is detected.


Similar Part No. - A3983

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3983 ALLEGRO-A3983 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLP-T ALLEGRO-A3983SLP-T Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR-T ALLEGRO-A3983SLPTR-T Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
More results

Similar Description - A3983

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com