Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3241LUA-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3241LUA-T
Description  Chopper-Stabilized Unipolar Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3241LUA-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3241LUA-T Datasheet HTML 3Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 4Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 5Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 6Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 7Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 8Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 9Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 10Page - Allegro MicroSystems A3241LUA-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
A3241-DS, Rev. 2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Chopper-Stabilized Unipolar Hall Effect Switches
A3241 and A3242
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Power Derating Curve
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (°C)
1-layer PCB, Package LH
(R θJA= 110 °C/W)
1-layer PCB, Package UA
(R θJA= 165 °C/W)
2-layer PCB, Package LH
(R θJA= 228 °C/W)
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
θJA =165
ºC/W)
1-layer
PCB,
Packa
ge UA
(R
θJA
=228 ºC/
W)
2-layer
PCB, Package
LH
(R
θJA = 1
10
ºC/W)
1-layer
PCB,
Package
LH
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
RθJA
Package LH-3, 1-layer PCB with copper limited to
solder pads
110
ºC/W
Package LH-3, 2-layer PCB with 0.926 in2 on each
side, connected by thermal vias
228
ºC/W
Package UA, 1-layer PCB with copper limited to
solder pads
165
ºC/W


Similar Part No. - A3241LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3240 ALLEGRO-A3240 Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240 ALLEGRO-A3240 Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
A3240ELH ALLEGRO-A3240ELH Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
A3240ELHLT-T ALLEGRO-A3240ELHLT-T Datasheet
297Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EF FECT SWITCH
A3240ELT ALLEGRO-A3240ELT Datasheet
204Kb / 10P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT SWITCH
More results

Similar Description - A3241LUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3250 ALLEGRO-A3250 Datasheet
418Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLT ALLEGRO-A3250LLT Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250LLTTR ALLEGRO-A3250LLTTR Datasheet
305Kb / 16P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A3250 ALLEGRO-A3250_06 Datasheet
354Kb / 15P
   Field-Programmable, Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A3245 ALLEGRO-A3245 Datasheet
392Kb / 12P
   Chopper-Stabilized Omnipolar Hall-Effect Switches
A1120 ALLEGRO-A1120 Datasheet
237Kb / 9P
   Chopper Stabilized Precision Hall Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com