Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3984SLP-T Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3984SLP-T
Description  DMOS Microstepping Driver with Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3984SLP-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3984SLP-T Datasheet HTML 1Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 2Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 3Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 4Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 5Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 6Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 7Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 8Page - Allegro MicroSystems A3984SLP-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
26184.30A
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
A3984
DMOS Microstepping Driver with Translator
Figure 1. Logic Interface Timing Diagram
STEP
t A
t D
t C
MS1, MS2,
RESET, or DIR
t B
Table 1. Microstep Resolution Truth Table
MS1
MS2
Microstep Resolution
Excitation Mode
L
L
Full Step
2 Phase
H
L
Half Step
1-2 Phase
L
H
Quarter Step
W1-2 Phase
H
H
Sixteenth Step
4W1-2 Phase
Time Duration
Symbol
Typ.
Unit
STEP minimum, HIGH pulse width
tA
1
μs
STEP minimum, LOW pulse width
tB
1
μs
Setup time, input change to STEP
tC
200
ns
Hold time, input change to STEP
tD
200
ns


Similar Part No. - A3984SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3984 ALLEGRO-A3984 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_08 Datasheet
361Kb / 12P
   The A3984 is a complete microstepping motor driver with built-in translator for easy operation.
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
More results

Similar Description - A3984SLP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
   DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
   DMOS Microstepping Driver with Translator
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
   MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
   Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
   DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
   Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
   Microstepping DMOS Driver with Translator
A3977 ALLEGRO-A3977 Datasheet
520Kb / 18P
   Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com