Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5196ACW-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5196ACW-T7A
Description  Single 400MHz Fixed Gain Amplifier with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5196ACW-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5196ACW-T7A Datasheet HTML 5Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 6Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 7Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 8Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 9Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 10Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 11Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 12Page - Intersil Corporation EL5196ACW-T7A Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Typical Performance Curves (Continued)
Positive Input Resistance vs Temperature
35
30
25
20
15
10
5
0
-40
10
60
110
160
Die Temperature (°C)
Supply Current vs Temperature
10
9
8
-40
10
60
110
160
Die Temperature (°C)
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.9
3.8
3.7
3.6
3.5
-40
10
60
110
160
Die Temperature (°C)
150
1k
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
60
110
160
Die Temperature (°C)
-3.8
150
1k
Output Current vs Temperature
140
135
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
Source
Sink
Slew Rate vs Temperature
5000
4000
3000
-40
10
60
110
160
Die Temperature (°C)
4500
3500
AV = 2
RL = 150Ω
EL5196, EL5196A


Similar Part No. - EL5196ACW-T7A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196ACW-T7 ETC1-EL5196ACW-T7 Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5196ACW-T7A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com