Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5293CS-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5293CS-T7
Description  Dual 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293CS-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5293CS-T7 Datasheet HTML 6Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 7Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 8Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 9Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 10Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 11Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 12Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 13Page - Intersil Corporation EL5293CS-T7 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Typical Performance Curves (Continued)
Disable Response
400ns/div
500mV/div
5V/div
Enable Response
20ns/div
500mV/div
5V/div
Channel-to-Channel Isolation vs Frequency
100k
1M
10M
100M
Frequency (Hz)
0
-20
-40
-60
-80
-100
400M
486mW
θJA=206°C/W
MSOP8/10
625mW
θJA=160°C/W
SO8
1
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
Ambient Temperature (°C)
125
85
Package Power Dissipation vs Ambient
Temperature - JEDEC JESD51-3 Low Effective
Thermal Conductivity Test Board
0.2
0.7
0.3
0.5
1
0.8
0.6
0.2
0
025
50
75
100
150
Ambient Temperature (°C)
125
85
Package Power Dissipation vs Ambient
Temperature - JEDEC JESD51-7 High Effective
Thermal Conductivity Test Board
0.4
870mW
θJA=115°C/W
MSOP8/10
909mW
θJA=110°C/W
SO8
EL5293, EL5293A


Similar Part No. - EL5293CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5293CS-T7 ELANTEC-EL5293CS-T7 Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5293CS-T7 INTERSIL-EL5293CS-T7 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293CS-T7 RENESAS-EL5293CS-T7 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5293CS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Elantec Semiconductor
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com