Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5292CY-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5292CY-T7
Description  Dual 600MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5292CY-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5292CY-T7 Datasheet HTML 2Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 3Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 4Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 5Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 6Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 7Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 8Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 9Page - Intersil Corporation EL5292CY-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Typical Performance Curves (Continued)
-3dB Bandwidth vs Supply Voltage for Non-
Inverting Gains
567
10
Total Supply Voltage (V)
800
600
400
200
0
-3dB Bandwidth vs Supply Voltage for Inverting
Gains
Total Supply Voltage (V)
350
300
150
100
50
0
Peaking vs Supply Voltage for Non-Inverting Gains
Total Supply Voltage (V)
4
3
2
1
0
89
RF=750Ω
RL=150Ω
AV=1
AV=2
AV=5
AV=10
567
10
89
567
10
89
250
200
RF=375Ω
RL=150Ω
RF=750Ω
RL=150Ω
AV=1
AV=-1
AV=-2
AV=-5
AV=2
AV=10
Peaking vs Supply Voltage for Inverting Gains
Total Supply Voltage (V)
4
3
2
1
0
RF=375Ω
RL=150Ω
AV=-1
567
10
89
AV=-2
AV=-5
-3dB Bandwidth vs Temperature for Non-Inverting
Gains
1400
1200
1000
600
400
200
0
-40
10
60
160
Ambient Temperature (°C)
800
AV=1
-3dB Bandwidth vs Temperature for Inverting
Gains
500
400
300
100
0
-40
10
60
160
Ambient Temperature (°C)
200
110
AV=2
RF=750Ω
RL=150Ω
AV=5
AV=10
110
AV=-1
RF=375Ω
RL=150Ω
AV=-2
AV=-5
EL5292, EL5292A


Similar Part No. - EL5292CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5292C ELANTEC-EL5292C Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
EL5292CS ELANTEC-EL5292CS Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5292CS INTERSIL-EL5292CS Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292CS RENESAS-EL5292CS Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5292CS-T13 ELANTEC-EL5292CS-T13 Datasheet
307Kb / 15P
   Dual 600MHz Current Feedback Amplifier
More results

Similar Description - EL5292CY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com