Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5325AIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5325AIRZ
Description  12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5325AIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5325AIRZ Datasheet HTML 3Page - Intersil Corporation EL5325AIRZ Datasheet HTML 4Page - Intersil Corporation EL5325AIRZ Datasheet HTML 5Page - Intersil Corporation EL5325AIRZ Datasheet HTML 6Page - Intersil Corporation EL5325AIRZ Datasheet HTML 7Page - Intersil Corporation EL5325AIRZ Datasheet HTML 8Page - Intersil Corporation EL5325AIRZ Datasheet HTML 9Page - Intersil Corporation EL5325AIRZ Datasheet HTML 10Page - Intersil Corporation EL5325AIRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Application Drawing
REFH
VS
VSD
SDI
ENA
OSC
CAP
REFL
OUTA
OUTB
OUTC
OUTD
OUTE
OUTF
OUTK
OUTL
REFH
OSC
VS
VSD
SCK
ENA
CAP
REFL
OUTA
OUTB
OUTC
OUTD
OUTE
OUTF
OUTK
OUTL
MICROCONTROLLER
COLUMN
(SOURCE)
DRIVER
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
MIDDLE REFERENCE
HIGH REFERENCE
VOLTAGE
LOW REFERENCE
VOLTAGE
+1V
+10V
+5.5V
+12V
+5V
+12V
+5V
EL5325A
EL5325A
LCD PANEL
GND
GND
HORIZONTAL RATE
LCD
TIMING
CONTROLLER
SCK
SDO
SDI
EL5325A


Similar Part No. - EL5325AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5325AIRZ INTERSIL-EL5325AIRZ Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325AIRZ RENESAS-EL5325AIRZ Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325AIRZ-T13 INTERSIL-EL5325AIRZ-T13 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325AIRZ-T13 RENESAS-EL5325AIRZ-T13 Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325AIRZ-T7 INTERSIL-EL5325AIRZ-T7 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
More results

Similar Description - EL5325AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Renesas Technology Corp
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
   12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
logo
Intersil Corporation
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
   12-Channel TFT-LCD Reference Voltage Generator
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
   10-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com