Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3488A Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC3488A
Description  DUAL EIA-423/EIA-232D DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3488A Datasheet(HTML) 2 Page - ON Semiconductor

  MC3488A Datasheet HTML 1Page - ON Semiconductor MC3488A Datasheet HTML 2Page - ON Semiconductor MC3488A Datasheet HTML 3Page - ON Semiconductor MC3488A Datasheet HTML 4Page - ON Semiconductor MC3488A Datasheet HTML 5Page - ON Semiconductor MC3488A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC3488A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Supply Voltages
VCC
VEE
+ 15
– 15
V
Output Current
Source
Sink
IO+
IO–
+ 150
– 150
mA
Operating Ambient Temperature
TA
0 to + 70
°C
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltages
VCC
VEE
10.8
– 13.2
12
–12
13.2
– 10.8
V
Operating Temperature Range
TA
0
25
70
°C
Wave Shaping Resistor
RWS
10
1000
k
TARGET ELECTRICAL CHARACTERISTICS (Unless otherwise noted, specifications apply over recommended operating conditions)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage – Low Logic State
VIL
0.8
V
Input Voltage – High Logic State
VIH
2.0
V
Input Current – Low Logic State
(VIL = 0.4 V)
IIL
– 80
µA
Input Current – High Logic State
(VIH = 2.4 V)
(VIH = 5.5 V)
IIH1
IIH2
10
100
µA
Input Clamp Diode Voltage
(IIK = – 15 mA)
VIK
– 1.5
V
Output Voltage – Low Logic State
(RL = ∞)
EIA–423
(RL= 3.0 kΩ)
EIA–232D
(RL= 450 Ω)
EIA–423
VOL
– 6.0
– 6.0
– 6.0
– 5.0
– 5.0
– 4.0
V
Output Voltage – High Logic State
(RL = ∞)
EIA–423
(RL.= 3.0 kΩ) EIA–232D
(RL = 450 Ω)
EIA–423
VOH
5.0
5.0
4.0
6.0
6.0
6.0
V
Output Resistance
(RL q 450 Ω)
RO
25
50
Output Short–Circuit Current (Note 2)
(Vin = Vout = 0 V)
(Vin = VIH(Min), Vout = 0 V)
IOSH
IOSL
– 150
+15
– 15
+ 150
mA
Output Leakage Current (Note 3)
(VCC = VEE = 0 V, – 6.0 V p Vo p 6.0 V)
Iox
– 100
100
µA
Power Supply Currents
(RW = 100 kΩ, RL = ∞, VIL p Vin p VIH)
ICC
IEE
–18
+ 18
mA
NOTES: 1. Devices should not be operated at these values. The
IElectrical CharacteristicsI provide conditions for actual device operation.
2. One output shorted at a time.
3. No VEE diode required.


Similar Part No. - MC3488A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3488A ONSEMI-MC3488A Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488AD ONSEMI-MC3488AD Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADG ONSEMI-MC3488ADG Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADR2 ONSEMI-MC3488ADR2 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC3488ADR2G ONSEMI-MC3488ADR2G Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
More results

Similar Description - MC3488A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Murata Manufacturing Co...
KII_NM485D MURATA-KII_NM485D Datasheet
175Kb / 7P
   Isolated Dual EIA-485 Driver and Receiver
NM485DC MURATA-NM485DC Datasheet
218Kb / 6P
   Isolated Dual EIA-485 Driver and Receiver
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com