Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5486 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5486
Description  Quad 4ns High Speed Comparators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5486 Datasheet(HTML) 6 Page - Intersil Corporation

  EL5486 Datasheet HTML 1Page - Intersil Corporation EL5486 Datasheet HTML 2Page - Intersil Corporation EL5486 Datasheet HTML 3Page - Intersil Corporation EL5486 Datasheet HTML 4Page - Intersil Corporation EL5486 Datasheet HTML 5Page - Intersil Corporation EL5486 Datasheet HTML 6Page - Intersil Corporation EL5486 Datasheet HTML 7Page - Intersil Corporation EL5486 Datasheet HTML 8Page - Intersil Corporation EL5486 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Timing Diagram
VIN
VOD
th
ts
tpd-
tpw(D)
td+
Latch
Enable
Input
Latch
Compare
Latch
Latch
Compare
Differential
Input
Voltage
Comparator
Output
1.4V
VOS
2.4V
Definition of Terms
TERM
DEFINITION
VOS
Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output
VIN
Input Voltage Pulse Amplitude - Usually set to 1V for comparator specifications
VOD
Input Voltage Overdrive - Usually set to 50mV and in opposite polarity to VIN for comparator specifications
tpd+
Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to
the CMOS logic threshold of an output low to high transition
tpd-
Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to
the CMOS logic threshold of an output high to low transition
td+
Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in
a low to high transition to the point of the output crossing CMOS threshold in a low to high transition
td-
Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a
low to high transition to the point of the output crossing CMOS threshold in a high to low transition
ts
Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must
be present in order to be acquired and held at the outputs
th
Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain
unchanged in order to be acquired and held at the output
tpw (D)
Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an
input signal change
EL5485, EL5486


Similar Part No. - EL5486

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5486CU ELANTEC-EL5486CU Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
EL5486CU-T13 ELANTEC-EL5486CU-T13 Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results

Similar Description - EL5486

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com