Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5412IRE Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5412IRE
Description  40MHz Rail-to-Rail Input-Output Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5412IRE Datasheet(HTML) 4 Page - Intersil Corporation

  EL5412IRE Datasheet HTML 1Page - Intersil Corporation EL5412IRE Datasheet HTML 2Page - Intersil Corporation EL5412IRE Datasheet HTML 3Page - Intersil Corporation EL5412IRE Datasheet HTML 4Page - Intersil Corporation EL5412IRE Datasheet HTML 5Page - Intersil Corporation EL5412IRE Datasheet HTML 6Page - Intersil Corporation EL5412IRE Datasheet HTML 7Page - Intersil Corporation EL5412IRE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN7394.1
December 22, 2004
Electrical Specifications
VS+ = +15V, VS- = 0V, RL = 1kΩ to 7.5V, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
VCM = 7.5V
3
15
mV
TCVOS
Average Offset Voltage Drift (Note 1)
7
µV/°C
IB
Input Bias Current
VCM = 7.5V
2
60
nA
RIN
Input Impedance
1G
CIN
Input Capacitance
2pF
CMIR
Common-Mode Input Range
-0.5
+15.5
V
CMRR
Common-Mode Rejection Ratio
for VIN from -0.5V to 15.5V
53
72
dB
AVOL
Open-Loop Gain
0.5V
≤ VOUT ≤ 14.5V
60
74
dB
OUTPUT CHARACTERISTICS
VOL
Output Swing Low
IL = -7.5mA
80
150
mV
VOH
Output Swing High
IL = 7.5mA
14.85
14.92
V
ISC
Short-circuit Current
±180
±195
mA
IOUT
Output Current
±65
mA
POWER SUPPLY PERFORMANCE
PSRR
Power Supply Rejection Ratio
VS is moved from 4.5V to 15.5V
60
80
dB
IS
Supply Current (Per Amplifier)
No Load
2.5
3.75
mA
DYNAMIC PERFORMANCE
SR
Slew Rate (Note 2)
1V
≤ VOUT ≤ 14V, 20% o 80%
55
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO = 2V Step
120
ns
BW
-3dB Bandwidth
40
MHz
GBWP
Gain-Bandwidth Product
22
MHz
PM
Phase Margin
52
°
CS
Channel Separation
f = 5MHz
110
dB
dG
Differential Gain (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.10
%
dP
Differential Phase (Note 3)
RF = RG = 1kΩ and VOUT = 1.4V
0.11
°
NOTES:
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
3. NTSC signal generator used
EL5412


Similar Part No. - EL5412IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5412IRE RENESAS-EL5412IRE Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IRE-T13 RENESAS-EL5412IRE-T13 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5412IRE-T7 RENESAS-EL5412IRE-T7 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
More results

Similar Description - EL5412IRE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5211A RENESAS-EL5211A Datasheet
579Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com