Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5493A Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5493A
Description  Quad 300MHz Current Feedback Amplifier with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5493A Datasheet(HTML) 3 Page - Intersil Corporation

  EL5493A Datasheet HTML 1Page - Intersil Corporation EL5493A Datasheet HTML 2Page - Intersil Corporation EL5493A Datasheet HTML 3Page - Intersil Corporation EL5493A Datasheet HTML 4Page - Intersil Corporation EL5493A Datasheet HTML 5Page - Intersil Corporation EL5493A Datasheet HTML 6Page - Intersil Corporation EL5493A Datasheet HTML 7Page - Intersil Corporation EL5493A Datasheet HTML 8Page - Intersil Corporation EL5493A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NOTES:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
2. Measured from the application of CE logic signal until the output voltage is at the 50% point between initial and final values
ENABLE (EL5493A ONLY)
tEN
Enable Time
40
ns
tDIS
Disable Time (Note 2)
600
ns
IIHCE
CE Pin Input High Current
CE = VS+0.8
6
µA
IILCE
CE Pin Input Low Current
CE = VS-0
-0.1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ -1
V
VILCE
CE Input Low Voltage for Power-down
VS+ -3
V
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5493, EL5493A


Similar Part No. - EL5493A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493ACL RENESAS-EL5493ACL Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T13 RENESAS-EL5493ACL-T13 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
EL5493ACL-T7 RENESAS-EL5493ACL-T7 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
More results

Similar Description - EL5493A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com