Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87931BYIT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS87931BYIT
Description  LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87931BYIT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS87931BYIT Datasheet HTML 3Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 4Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 5Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 6Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 7Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 8Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 9Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 10Page - Integrated Circuit Systems ICS87931BYIT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
87931BYI
www.icst.com/products/hiperclocks.html
REV. A JUNE 23, 2003
7
Integrated
Circuit
Systems, Inc.
ICS87931I
LOW SKEW, 1-TO-6
LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
QAx, QBx, QCx
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
DDA, VDDO = 1.65V±5%
GND = -1.165V±5%
QAx,
QBx,
QCx
V
DDO
2
V
DDO
2
V
DDO
2
PROPAGATION DELAY
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
OUTPUT RISE/FALL TIME
odc & t
PERIOD
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
V
DD
2
V
DDO
2
CLK1
EXT_FB
Clock Outputs
0.8V
2V
2V
0.8V
t
R
t
F
nCLK0
CLK0
V
CMR
Cross Points
V
PP
nCLK0
CLK0
GND
V
DDA
CYCLE-TO-CYCLE JITTER


Similar Part No. - ICS87931BYIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results

Similar Description - ICS87931BYIT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com