Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-3025ZD Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # SI-3025ZD
Description  High-Current, Low-Dropout, 2.5 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025ZD Datasheet(HTML) 7 Page - Allegro MicroSystems

  SI-3025ZD Datasheet HTML 1Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 2Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 3Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 4Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 5Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 6Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 7Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 8Page - Allegro MicroSystems SI-3025ZD Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SI-3025ZD
High-Current,
Low-Dropout,
2.5 V Regulator
www.allegromicro.com
Linear
Regulators
7
Tape Specifications
1. Material: conductive polystyrene.
2. Allowable camber: 1 mm/100 mm maximum.
3. A0 (10.6 mm) and B0 (15.7 mm) measured on a plane
0.3 mm above the bottom of the pocket.
4. K0 (4.9 mm) is measured from a plane on the inside
bottom of the pocket to the surface of the carrier.
5. Ten pitches cumulative tolerance on tape ±0.2 mm.
6. The space between parts and cavity must not exceed
±0.3 mm from its normal position in any direction.
7. Surface resistivity of embossment: 107 ohm/cm2 max.
8. K1 = 3.9 mm.
Tape and Reel Dimensions in Millimeters


Similar Part No. - SI-3025ZD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
More results

Similar Description - SI-3025ZD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
logo
Sanken electric
SI-3011ZF SANKEN-SI-3011ZF Datasheet
223Kb / 9P
   High-Current, Low-Dropout, 1.1 to 5 V Regulator
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com