Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9014 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # IRFR9014
Description  P-CHANNEL POWER MOSFETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

IRFR9014 Datasheet(HTML) 1 Page - Samsung semiconductor

  IRFR9014 Datasheet HTML 1Page - Samsung semiconductor IRFR9014 Datasheet HTML 2Page - Samsung semiconductor IRFR9014 Datasheet HTML 3Page - Samsung semiconductor IRFR9014 Datasheet HTML 4Page - Samsung semiconductor IRFR9014 Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image


Similar Part No. - IRFR9014

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9014 IRF-IRFR9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A)
IRFR9014 IRF-IRFR9014 Datasheet
188Kb / 6P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFR9014 VISHAY-IRFR9014 Datasheet
1Mb / 8P
   Power MOSFET
S-81394-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9014 KERSEMI-IRFR9014 Datasheet
4Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR9014 ISC-IRFR9014 Datasheet
321Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRFR9014

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
   P-CHANNEL POWER MOSFETS
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
   P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF9640 NJSEMI-IRF9640 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9Z24 SAMSUNG-IRF9Z24 Datasheet
287Kb / 5P
   P-CHANNEL POWER MOSFETs
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9130 SAMSUNG-IRF9130 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Texas Instruments
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFETs
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
   -60A, -30V, P-CHANNEL POWER MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com