Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI-8002TW Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # SPI-8002TW
Description  Dual 1.5 A, DC/DC Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SPI-8002TW Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button SPI-8002TW Datasheet HTML 2Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 3Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 4Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 5Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 6Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 7Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 8Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 9Page - Allegro MicroSystems SPI-8002TW Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPI-8002TW
Dual 1.5 A, DC/DC
Step-Down Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
6
APPLICATIONS INFORMATION
Input Capacitors (C1 and C6). Capacitors with low
impedance for high-frequency ripple current must be used.
Output Capacitors (C2, C3, C7, and C8). Capacitors
with low impedance for high-frequency ripple current must
be used. Especially when the C2 and C3 impedance is
high, the switching waveform may not be normal at low
temperatures. Film or tantalum capacitors for C2 and C3
may cause abnormal oscillations.
Catch Diodes (D1 and D2). Diode D1 and D2 must be
Schottky diodes. Other diode types will result in increased
forward voltage spikes, reverse current flow, increased IC
power dissipation during the off period, and possible
destruction of the IC.
Choke Coils (L1 and L2). If the winding resistance of
the choke coil is too high, the circuit efficiency will de-
crease. As the overcurrent protection start current is
approximately 2 A, attention must be paid to the heating of
the coil by magnetic saturation due to overload. To reduce
the output ripple, the inductor may be increased at the
expense of excessive board area and cost.
Output Voltage Adjustable Resistors (R1, R2, R3,
and R4). The output voltages are adjusted by R1 and R3.
1000
Ω for R2 and R4 is recommended.
R1 = (V
O1 – Vref)/(Vref/R2)
R3 = (V
O2 – Vref)/(Vref/R4)
Soft-Start Capcitors (C4 and C5). Soft start for each
converter channel is enabled by connecting a capacitor
between terminal 6 and/or 11 and ground. The channel
may be turned off by decreasing the terminal 6 and/or 11
voltage below 0.5 V with either an npn small-signal transis-
tor or the output of open-collector TTL. If both a large
soft-start capacitor and on/off control are desired, collector
current limiting (R5 and R6) must be used to prevent
transistor damage. No external voltage can be applied to
terminal 6 or 11.
C1
220 µF/63 V
C2, C3
470 µF/25 V
C4, C5
1 µF
C6, C7, C8
0.1 µF
R5, R6
1 k
L1, L2
47 µH
D1, D2
Sanken SFPB-66
Typical Application


Similar Part No. - SPI-8002TW

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPI-8002TW SANKEN-SPI-8002TW Datasheet
474Kb / 4P
   2-Output Step-down Switching Mode Regulator ICs
SPI-8002TW SANKEN-SPI-8002TW Datasheet
117Kb / 4P
   2-Output, Step-down Switching Mode
SPI-8002TW SANKEN-SPI-8002TW Datasheet
89Kb / 4P
   2-Output, Step-down Switching Mode
More results

Similar Description - SPI-8002TW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com