Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY78-VII Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # BCY78-VII
Description  PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCY78-VII Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BCY78-VII Datasheet HTML 1Page - Central Semiconductor Corp BCY78-VII Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCY78/BCY79
PNP SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS Continued
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
15
pF
NF
VCE=5.0V, IC=200µA, RS=2kΩ, f=1.0kHz, B=200Hz
10
dB
ton
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
100
ns
td
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
50
ns
tr
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
50
ns
toff
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
700
ns
ts
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
600
ns
tf
VCC=3.0V, IC=10mA, IB1=-IB2=1.0mA
100
ns
ton
VCC=10V, IC=100mA, IB1=-IB2=10mA
100
ns
td
VCC=10V, IC=100mA, IB1=-IB2=10mA
35
ns
tr
VCC=10V, IC=100mA, IB1=-IB2=10mA
65
ns
toff
VCC=10V, IC=100mA, IB1=-IB2=10mA
400
ns
ts
VCC=10V, IC=100mA, IB1=-IB2=10mA
300
ns
tf
VCC=10V, IC=100mA, IB1=-IB2=10mA
100
ns
TO-18 PACKAGE - MECHANICAL OUTLINE
R1
B
D
C
E
F
LEAD #1
LEAD #2
LEAD #3
G
H
I
J
A
45°
Lead Code
1. Emitter
2. Base
3.
Collector
MIN
MAX
MIN
MAX
A (DIA)
0.209
0.230
5.31
5.84
B (DIA)
0.178
0.195
4.52
4.95
C
-
0.030
-
0.76
D
0.170
0.210
4.32
5.33
E
0.500
-
12.70
-
F (DIA)
0.016
0.019
0.41
0.48
G (DIA)
H
I
0.036
0.046
0.91
1.17
J
0.028
0.048
0.71
1.22
TO-18 (REV: R1)
DIMENSIONS
SYMBOL
INCHES
MILLIMETERS
0.100
2.54
0.050
1.27


Similar Part No. - BCY78-VII

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCY78-VII CENTRAL-BCY78-VII_15 Datasheet
545Kb / 2P
   SILICON PNP TRANSISTORS
More results

Similar Description - BCY78-VII

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com