Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5181CS-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5181CS-T7
Description  8ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5181CS-T7 Datasheet(HTML) 8 Page - Intersil Corporation

  EL5181CS-T7 Datasheet HTML 1Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 2Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 3Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 4Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 5Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 6Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 7Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 8Page - Intersil Corporation EL5181CS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Applications Information
Power Supplies and Circuit Layout
The EL5181 comparator operates with single and dual sup-
ply with 5V to 12V between VS+ and VS-. The output side of
the comparator is supplied by a single supply from 2.7V to
5V. The rail to rail output swing enables direct connection of
the comparator to both CMOS and TTL logic circuits. As with
many high speed devices, the supplies must be well
bypassed. Elantec recommends a 4.7µF tantalum in parallel
with a 0.1µF ceramic. These should be placed as close as
possible to the supply pins. Keep all leads short to reduce
stray capacitance and lead inductance. This will also mini-
mize unwanted parasitic feedback around the comparator.
The device should be soldered directly to the PC board
instead of using a socket. Use a PC board with a good,
unbroken low inductance ground plane. Good ground plane
construction techniques enhance stability of the
comparators.
Input Voltage Considerations
The EL5181 input range is specified from 0.1V below VS- to
2.25V below VS+. The criterion for the input limit is that the
output still responds correctly to a small differential input sig-
nal. The differential input stage is a pair of PNP transistors,
therefore, the input bias current flows out of the device.
When either input signal falls below the negative input volt-
age limit, the parasitic PN junction formed by the substrate
and the base of the PNP will turn on, resulting in a significant
increase of input bias current. If one of the inputs goes above
the positive input voltage limit, the output will still maintain
the correct logic level as long as the other input stays within
the input range. However, the propagation delay will
increase. When both inputs are outside the input voltage
range, the output becomes unpredictable. Large differential
voltages greater than the supply voltage should be avoided
to prevent damages to the input stage.
Input Slew Rate
Most high speed comparators oscillate when the voltage of
one of the inputs is close to or equal to the voltage on the
other input due to noise or undesirable feedback. For clean
output waveform, the input must meet certain minimum slew
rate requirements. In some applications, it may be helpful to
apply some positive feedback (hysteresis) between the out-
put and the positive input. The hysteresis effectively causes
one comparator's input voltage to move quickly past the
other, thus taking the input out of the region where oscillation
occurs. For the EL5181, the propagation delay increases
when the input slew rate increases for low overdrive volt-
ages. With high overdrive voltages, the propagation delay
does not change much with the input slew rate.
Latch Pin Dynamics
The EL5181 contains a “transparent” latch for each channel.
The latch pin is designed to be driven with either a TTL or
CMOS output. When the latch is connected to a logic high
level or left floating, the comparator is transparent and imme-
diately responds to the changes at the input terminals. When
the latch is switched to a logic low level, the comparator out-
put remains latched to its value just before the latch’s high-
to-low transition. To guarantee data retention, the input sig-
nal must remain the same state at least 1ns (hold time) after
the latch goes low and at least 2ns (setup time) before the
latch goes low. When the latch goes high, the new data will
appear at the output in approximately 6ns (latch propagation
delay).
Hysteresis
Hysteresis can be added externally. The following two meth-
ods can be used to add hysteresis.
Inverting comparator with hysteresis:
R3 adds a portion of the output to the threshold set by R1 and
R2. The calculation of the resistor values are as follows:
Select the threshold voltage VTH and calculate R1 and R2.
The current through R1/R2 bias string must be many times
greater than the input bias current of the comparator:
Let the hysteresis be VH, and calculate R3:
where:
VO=VSD-0.8V (swing of the output)
Recalculate R2 to maintain the same value of VTH:
Non inverting comparator with hysteresis:
R3 adds a portion of the output to the positive input. Note that
the current through R3 should be much greater than the input
bias current in order to minimize errors. The calculation of
the resistor values as follows:
Pick the value of R1. R1 should be small (less than 1kΩ) in
order to minimize the propagation delay time.
Choose the hysteresis VH and calculate R3:
+
-
R3
VIN
VREF
R2
R1
V
TH
V
REF
R
1
R
1
R
2
+
---------------------
×
=
R
3
V
O
V
H
--------
R
1
(
R
2 )
||
×
=
R
21VREF
(
()-V
TH )
V
TH
R
1
-----------
÷


 V
TH -0.5VSD
R
3
-----------------------------------
+
=
+
-
R3
VIN
VREF
R1
R
3
V
(
SD -0.8 )
R
1
V
H
--------
×
=
EL5181


Similar Part No. - EL5181CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5181CS-T7 ELANTEC-EL5181CS-T7 Datasheet
106Kb / 11P
   8ns High-Speed Comparator
More results

Similar Description - EL5181CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
   8ns High-Speed Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com