Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5185CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5185CS
Description  4ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5185CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL5185CS Datasheet HTML 1Page - Intersil Corporation EL5185CS Datasheet HTML 2Page - Intersil Corporation EL5185CS Datasheet HTML 3Page - Intersil Corporation EL5185CS Datasheet HTML 4Page - Intersil Corporation EL5185CS Datasheet HTML 5Page - Intersil Corporation EL5185CS Datasheet HTML 6Page - Intersil Corporation EL5185CS Datasheet HTML 7Page - Intersil Corporation EL5185CS Datasheet HTML 8Page - Intersil Corporation EL5185CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Analog Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . +12.6V
Digital Supply Voltage (VSD to GND) . . . . . . . . . . . . . . . . . . . . .+7V
Differential Input Voltage . . . . . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V]
Common-mode Input Voltage . . . . . . .[(VS-) -0.2V] to [(VS+) +0.2V]
Latch Input Voltage . . . . . . . . . . . . . . . . . . . . -0.2V to [(VSD) +0.2V]
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = ±5V, VSD = 5V, RL = 2.3kΩ, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VOS
Input Offset Voltage
VCM = 0V, VO = 2.5V
1
4
mV
IB
Input Bias Current
-10
-5
µA
CIN
Input Capacitance
5
pF
IOS
Input Offset Current
VCM = 0V, VO = 2.5V
-2.5
0.5
2.5
µA
VCM
Input Voltage Range
(VS-) - 0.1
(VS+) - 2.25
V
CMRR
Common-mode Rejection Ratio
-5.1V < VCM < +2.75V
65
90
dB
OUTPUT
VOH
Output High Voltage
VIN > 250mV
VSD - 0.6
VSD - 0.4
V
VOL
Output Low Voltage
VIN > 250mV
GND + 0.25
GND + 0.5
V
DYNAMIC PERFORMANCE
tPD+
Positive Going Delay Time
VIN = 1VP-P, VOD = 50mV
4
6
ns
tPD-
Negative Going Delay Time
VIN = 1VP-P, VOD = 50mV
4
6
ns
SUPPLY
IS+
Positive Analog Supply Current
Per comparator
12
13.5
mA
IS-
Negative Analog Supply Current
Per comparator
7.5
8.5
mA
ISD
Digital Supply Current at No Load
Per comparator, output high
5.5
6.5
mA
Per comparator, output low
0.9
1.2
mA
PSRR
Power Supply Rejection Ratio
55
80
dB
LATCH
VLH
Latch Input Voltage High
2.0
V
VLL
Latch Input Voltage Low
0.8
V
ILH
Latch Input Current High
VLH = 3.0V
-30
-18
µA
ILL
Latch Input Current Low
VLL = 0.3V
-30
-24
µA
tD+
Latch Disable to High Delay
4
ns
tD-
Latch Disable to Low Delay
4
ns
tS
Minimum Setup Time
2
ns
tH
Minimum Hold Time
1
ns
tPW(D)
Minimum Latch Disable Pulse Width
5
ns
EL5185


Similar Part No. - EL5185CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5185CS ELANTEC-EL5185CS Datasheet
301Kb / 11P
   4ns High-Speed Comparator
EL5185CS-T13 ELANTEC-EL5185CS-T13 Datasheet
301Kb / 11P
   4ns High-Speed Comparator
EL5185CS-T7 ELANTEC-EL5185CS-T7 Datasheet
301Kb / 11P
   4ns High-Speed Comparator
More results

Similar Description - EL5185CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com