Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5185CS-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5185CS-T7
Description  4ns High-Speed Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5185CS-T7 Datasheet(HTML) 7 Page - Intersil Corporation

  EL5185CS-T7 Datasheet HTML 1Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 2Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 3Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 4Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 5Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 6Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 7Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 8Page - Intersil Corporation EL5185CS-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Applications Information
Power Supplies and Circuit Layout
The EL5185 comparator operates with single and dual
supply with 5V to 12V between VS+ and VS-. The output
side of the comparator is supplied by a single supply from
2.7V to 5V. The rail to rail output swing enables direct
connection of the comparator to both CMOS and TTL logic
circuits. As with many high speed devices, the supplies must
be well bypassed. Elantec recommends a 4.7µF tantalum in
parallel with a 0.1µF ceramic. These should be placed as
close as possible to the supply pins. Keep all leads short to
reduce stray capacitance and lead inductance. This will also
minimize unwanted parasitic feedback around the
comparator. The device should be soldered directly to the
PC board instead of using a socket. Use a PC board with a
good, unbroken low inductance ground plane. Good ground
plane construction techniques enhance stability of the
comparators.
Input Voltage Considerations
The EL5185 input range is specified from 0.1V below VS- to
2.25V below VS+. The criterion for the input limit is that the
output still responds correctly to a small differential input
signal. The differential input stage is a pair of PNP
transistors, therefore, the input bias current flows out of the
device. When either input signal falls below the negative
input voltage limit, the parasitic PN junction formed by the
substrate and the base of the PNP will turn on, resulting in a
significant increase of input bias current. If one of the inputs
goes above the positive input voltage limit, the output will still
maintain the correct logic level as long as the other input
stays within the input range. However, the propagation delay
will increase. When both inputs are outside the input voltage
range, the output becomes unpredictable. Large differential
voltages greater than the supply voltage should be avoided
to prevent damages to the input stage.
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1
VS+
Positive supply voltage
2
IN+
Positive input
Circuit 1
3
IN-
Negative input
(Reference Circuit 1)
4
VS-
Negative supply voltage
5
LATCH
Latch input
Circuit 2
6
GND
Digital ground
7
OUT
Output
Circuit 3
8
VSD
Digital Supply
IN+
IN-
VS+
VS-
VSD
VS+
VS-
LATCH
VSD
VSD VS+
VS-
OUT
EL5185


Similar Part No. - EL5185CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5185CS-T7 ELANTEC-EL5185CS-T7 Datasheet
301Kb / 11P
   4ns High-Speed Comparator
More results

Similar Description - EL5185CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com