Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6205CW-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL6205CW-T7
Description  Laser Driver Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6205CW-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL6205CW-T7 Datasheet HTML 1Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 2Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 3Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 4Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 5Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 6Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 7Page - Intersil Corporation EL6205CW-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Typical Performance Curves (Continued)
VDD = 5V, TA = 25°C, RL = 10Ω, RFREQ = 5.21kΩ, IIN = 1mA, VOUT = 2.2V unless otherwise specified.
0
200
400
500
600
700
RFREQ (kΩ)
0
Frequency vs RFREQ
515
25
35
10
20
30
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
0
200
400
500
600
700
1k
Ω / RFREQ
0
Frequency vs 1 / RFREQ
0.05
0.15
0.25
0.35
0.1
0.2
0.3
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
0
20
40
60
80
100
IIN (mA)
0
Amplitude vs IIN
12
Amplitude = 50 * IIN
340
345
355
360
Supply Voltage (V)
4.4
Frequency vs Supply Voltage
4.6
4.8
5.2
5.6
55.4
350
300
320
380
400
Ambient Temperature (°C)
-50
Frequency vs Temperature
0
150
50
100
340
360
EL6205


Similar Part No. - EL6205CW-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6205CW ELANTEC-EL6205CW Datasheet
133Kb / 2P
   Laser Driver Oscillator
More results

Similar Description - EL6205CW-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com