Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6206 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL6206
Description  Laser Driver Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6206 Datasheet(HTML) 3 Page - Intersil Corporation

  EL6206 Datasheet HTML 1Page - Intersil Corporation EL6206 Datasheet HTML 2Page - Intersil Corporation EL6206 Datasheet HTML 3Page - Intersil Corporation EL6206 Datasheet HTML 4Page - Intersil Corporation EL6206 Datasheet HTML 5Page - Intersil Corporation EL6206 Datasheet HTML 6Page - Intersil Corporation EL6206 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Recommended Operating Conditions
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
VOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2V - 3V
RFREQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kΩ (min)
RAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25kΩ (min)
FOSC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .100-600MHz
IOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-100mAPK-PK
Typical Performance Curves
Block Diagram
Pin Descriptions
PIN NAME
PIN TYPE
PIN DESCRIPTION
1
VDD
Positive power for laser driver (4.5V - 5.5V)
2
GND
Chip ground pin (0V)
3
IOUT
Current output to laser diode
4
RAMP
Set pin for output current amplitude
5
RFREQ
Set pin for oscillator frequency
IOUT Control
VOUT
IOUT
Less than VCUTOFF
OFF
More than VCUTOFF
Normal Operation
VDD = 5V, TA = 25°C, RL = 10Ω, RFREQ = 3.5kΩ, RAMP = 2.54kΩ, VOUT = 2.2V unless otherwise specified.
0
200
400
500
600
700
RFREQ (kΩ)
0
FREQUENCY vs RFREQ
515
25
35
10
20
30
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
0
200
400
500
600
700
1k
Ω / RFREQ
0
FREQUENCY vs 1 / RFREQ
0.05
0.15
0.25
0.35
0.1
0.2
0.3
100
300
Frequency=1824 * 1k
Ω / RFREQ (MHz)
1
2
3
5
4
AUTO SHUT-OFF
DRIVER
REFERENCE
AND BIAS
OSCILLATOR
VDD
GND
IOUT
RFREQ
RAMP
EL6206


Similar Part No. - EL6206

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
   450 MHz HFM Oscillator
EL6200CW ELANTEC-EL6200CW Datasheet
35Kb / 2P
   450 MHz HFM Oscillator
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
   Low Power 430MHz HFM Oscillator w/Disable
EL6201 INTERSIL-EL6201 Datasheet
233Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
   Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results

Similar Description - EL6206

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com