Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CU Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL7457CU
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CU Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL7457CU Datasheet HTML 4Page - Intersil Corporation EL7457CU Datasheet HTML 5Page - Intersil Corporation EL7457CU Datasheet HTML 6Page - Intersil Corporation EL7457CU Datasheet HTML 7Page - Intersil Corporation EL7457CU Datasheet HTML 8Page - Intersil Corporation EL7457CU Datasheet HTML 9Page - Intersil Corporation EL7457CU Datasheet HTML 10Page - Intersil Corporation EL7457CU Datasheet HTML 11Page - Intersil Corporation EL7457CU Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7288.3
January 3, 2005
Block Diagram
Applications Information
Product Description
The EL7457 is a high performance 40MHz high speed quad
driver. Each channel of the EL7457 consists of a single P-
channel high side driver and a single N-channel low side
driver. These 3
Ω devices will pull the output (OUTX) to either
the high or low voltage, on VH and VL respectively,
depending on the input logic signal (INX). It should be noted
that there is only one set of high and low voltage pins.
A common output enable (OE) pin is available on the
EL7457. This pin, when pulled low will put all outputs in to
the high impedance state.
The EL7457 is available in 16-pin SO (0.150"), 16-pin
QSOP, and ultra-small 16-pin QFN packages. The relevant
package should be chosen depending on the calculated
power dissipation.
Supply Voltage Range and Input Compatibility
The EL7457 is designed for operation on supplies from 5V to
15V with 10% tolerance (i.e. 4.5V to 18V). The table on page
6 shows the specifications for the relationship between the
VS+, VS-, VH, VL, and GND pins. The EL7457 does not
contain a true analog switch and therefore VL should always
be less than VH.
All input pins are compatible with both 3V and 5V CMOS
signals With a positive supply (VS+) of 5V, the EL7457 is
also compatible with TTL inputs.
Power Supply Bypassing
When using the EL7457, it is very important to use adequate
power supply bypassing. The high switching currents
developed by the EL7457 necessitate the use of a bypass
capacitor on both the positive and negative supplies. It is
recommended that a 4.7µF tantalum capacitor be used in
parallel with a 0.1µF low-inductance ceramic MLC capacitor.
These should be placed as close to the supply pins as
possible. It is also recommended that the VH and VL pins
have some level of bypassing, especially if the EL7457 is
driving highly capacitive loads.
Power Dissipation Calculation
When switching at high speeds, or driving heavy loads, the
EL7457 drive capability is limited by the rise in die
temperature brought about by internal power dissipation. For
reliable operation die temperature must be kept below
TJMAX (125°C). It is necessary to calculate the power
dissipation for a given application prior to selecting package
type.
Power dissipation may be calculated:
where:
VS is the total power supply to the EL7457 (from VS+ to
VS-)
VOUT is the swing on the output (VH - VL)
CL is the load capacitance
CINT is the internal load capacitance (80pF max)
IS is the quiescent supply current (3mA max)
f is frequency
Having obtained the application’s power dissipation, the
maximum junction temperature can be calculated:
where:
TJMAX is the maximum junction temperature (125°C)
TMAX is the maximum ambient operating temperature
PD is the power dissipation calculated above
θJA is the thermal resistance, junction to ambient, of the
application (package + PCB combination). Refer to the
Package Power Dissipation curves on page 6.
3-STATE
CONTROL
LEVEL
SHIFTER
OUTPUT
VL
VH
OE
INPUT
VS+
GND
VS-
PD
VS IS
×
()
CINT VS
2
×
f
×
()
CL VOUT
2
×
f
×
()
+
1
4
+
=
TJMAX
TMAX ΘJA PD
×
+
=
EL7457


Similar Part No. - EL7457CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457CU ELANTEC-EL7457CU Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ RENESAS-EL7457CUZ Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T13 INTERSIL-EL7457CUZ-T13 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ-T13 RENESAS-EL7457CUZ-T13 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com