Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CU-T7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7457CU-T7
Description  40MHz Non-Inverting Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7457CU-T7 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7457CU-T7 Datasheet HTML 1Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 2Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 3Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 4Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 5Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 6Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 7Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 8Page - Intersil Corporation EL7457CU-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN7288.3
January 3, 2005
Typical Performance Curves
FIGURE 1. SWITCH THRESHOLD vs SUPPLY VOLTAGE
FIGURE 2. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 3. “ON” RESISTANCE vs SUPPLY VOLTAGE
FIGURE 4. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs TEMPERATURE
FIGURE 6. PROPAGATION DELAY vs SUPPLY VOLTAGE
T=25°C
HIGH LIMIT=2.4V
LOW LIMIT=0.8V
HYSTERESIS
1.8
1.6
1.4
1.2
1
5
7
10
12
15
SUPPLY VOLTAGE (V)
T=25°C
ALL INPUTS=0
ALL INPUTS=VS+
2
1.6
1.2
0.8
0
5
7
10
12
15
SUPPLY VOLTAGE (V)
0.4
IOUT=100mA
T=25°C
VL TO OUT
9
8
6
4
2
5
7
10
12
15
SUPPLY VOLTAGE (V)
3
7
5
VH TO OUT
CL=1000pF
T=25°C
25
20
15
10
5
5
7
10
12
15
SUPPLY VOLTAGE (V)
tF
tR
CL=1000pF
VS+=15V
16
14
12
8
6
-50
0
50
100
125
TEMPERATURE (°C)
tF
tR
10
25
75
-25
CL=1000pF
25
20
15
5
510
15
SUPPLY VOLTAGE (V)
10
12
7
tD2
tD1
EL7457


Similar Part No. - EL7457CU-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457CU ELANTEC-EL7457CU Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ RENESAS-EL7457CUZ Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ-T13 INTERSIL-EL7457CUZ-T13 Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
logo
Renesas Technology Corp
EL7457CUZ-T13 RENESAS-EL7457CUZ-T13 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
More results

Similar Description - EL7457CU-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
380Kb / 12P
   40MHz Non-Inverting Quad CMOS Driver
January 26, 2012
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com