Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7516IYZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL7516IYZ
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7516IYZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL7516IYZ Datasheet HTML 4Page - Intersil Corporation EL7516IYZ Datasheet HTML 5Page - Intersil Corporation EL7516IYZ Datasheet HTML 6Page - Intersil Corporation EL7516IYZ Datasheet HTML 7Page - Intersil Corporation EL7516IYZ Datasheet HTML 8Page - Intersil Corporation EL7516IYZ Datasheet HTML 9Page - Intersil Corporation EL7516IYZ Datasheet HTML 10Page - Intersil Corporation EL7516IYZ Datasheet HTML 11Page - Intersil Corporation EL7516IYZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN7333.4
March 4, 2005
Schottky Diode
In selecting the Schottky diode, the reverse break down
voltage, forward current and forward voltage drop must be
considered for optimum converter performance. The diode
must be rated to handle 1.5A, the current limit of the
EL7516. The breakdown voltage must exceed the maximum
output voltage. Low forward voltage drop, low leakage
current, and fast reverse recovery will help the converter to
achieve the maximum efficiency.
Input Capacitor
The value of the input capacitor depends the input and
output voltages, the maximum output current, the inductor
value and the noise allowed to put back on the input line. For
most applications, a minimum 10µF is required. For
applications that run close to the maximum output current
limit, input capacitor in the range of 22µF to 47µF is
recommended.
The EL7516 is powered from the VIN. To. High frequency
0.1µF by-pass cap is recommended to be close to the VIN
pin to reduce supply line noise and ensure stable operation.
Loop Compensation
The EL7516 incorporates an transconductance amplifier in
its feedback path to allow the user some adjustment on the
transient response and better regulation. The EL7516 uses
current mode control architecture which has a fast current
sense loop and a slow voltage feedback loop. The fast
current feedback loop does not require any compensation.
The slow voltage loop must be compensated for stable
operation. The compensation network is a series RC
network from COMP pin to ground. The resistor sets the high
frequency integrator gain for fast transient response and the
capacitor sets the integrator zero to ensure loop stability. For
most applications, the compensation resistor in the range of
2K to 7.5K and the compensation capacitor in the range of
3nF to 10nF.
Soft-Start
The soft-start is provided by an internal 6µA current source
charges the external CSS, the peak MOSFET current is
limited by the voltage on the capacitor. This in turn controls
the rising rate of the output voltage. The regulator goes
through the start-up sequence as well after the SHDN pin is
pulled to HI.
Frequency Selection
The EL7516 switching frequency can be user selected to
operate at either at constant 620kHz or 1.25MHz.
Connecting FSEL pin to ground sets the PWM switching
frequency to 620kHz. When connect FSEL high or VDD,
switching frequency is set to 1.25MHz.
Shut-Down Control
When Shut-down pin is pulled down, the EL7516 is shut-
down reducing the supply current to <3µA.
EL7516 does not use a level translator or ground-referenced
threshold for the SHDN input. For different supply voltages,
please refer the Figure 32 to choose right input threshold
voltages for SHDN, where VTP is about 1V. It is recommend
that VIH = (VIN-VTP/2) and VIL = (VIN/4).
If the consistent SHDN threshold is desired in the
application, an external active level shifter must be used,
simplest circuit requires 1 NMOS and 1 resistor as shown in
Figure 33, where the gate of the NMOS is connected to
supply of PWRON logic circuit, and the source of the NMOS
goes to PWRON pin of the converter.
Maximum Output Current
The MOSFET current limit is nominally 1.5A and guaranteed
1.3A. This restricts the maximum output current IOMAX
based on the following formula:
FIGURE 32. SHDN INPUT THRESHOLD vs INPUT SUPPLY
VOLTAGE
VIH, UPPER
0V
VIN
(VIN-VTP)
(VIN/2)
KEEP OUT
VIL, LOWER
VIN
VIN=3.3V
VIN=5.5V
LOGIC THRESHOLD
LOGIC THRESHOLD
FIGURE 33. LEVEL SHIFTER CIRCUIT
SUPPLY INPUT VOLTAGE
TO EL7516
PIN3 SHDN
20K
3VD
20K
PWRON
PIN OF THE
CONVERTER
IL
IL-AVG 12
⁄∆I
L
×
()
+
=
EL7516


Similar Part No. - EL7516IYZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EL7516IYZ IRF-EL7516IYZ Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516IYZ INTERSIL-EL7516IYZ Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ INTERSIL-EL7516IYZ Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IYZ INTERSIL-EL7516IYZ Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516IYZ RENESAS-EL7516IYZ Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - EL7516IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com