Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7551 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7551
Description  Monolithic 1Amp DC:DC Step-down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7551 Datasheet(HTML) 3 Page - Intersil Corporation

  EL7551 Datasheet HTML 1Page - Intersil Corporation EL7551 Datasheet HTML 2Page - Intersil Corporation EL7551 Datasheet HTML 3Page - Intersil Corporation EL7551 Datasheet HTML 4Page - Intersil Corporation EL7551 Datasheet HTML 5Page - Intersil Corporation EL7551 Datasheet HTML 6Page - Intersil Corporation EL7551 Datasheet HTML 7Page - Intersil Corporation EL7551 Datasheet HTML 8Page - Intersil Corporation EL7551 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Closed-Loop AC Electrical Specifications
VS = VIN = 5V, TA = TJ = 25°C, COSC = 1.2nF, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
FOSC
Oscillator Initial Accuracy
105
117
130
kHz
tSYNC
Minimum Oscillator Sync Width
25
ns
MSS
Soft Start Slope
0.5
V/ms
tBRM
FET Break Before Make Delay
15
ns
tLEB
High Side FET Minimum On Time
150
ns
DMAX
Maximum Duty Cycle
95
%
Pin Descriptions
PIN
NUMBER
PIN NAME
PIN FUNCTION
1
SGND
Control circuit negative supply.
2
COSC
Oscillator timing capacitor. FOSC can be approximated by: FOSC (kHz) = 0.1843/COSC, COSC in µF.
3
VDD
Control circuit positive supply.
4
PGND
Ground return of the regulator. Connected to the source of the low-side synchronous NMOS power FET.
5
PGND
Ground return of the regulator. Connected to the source of the low-side synchronous NMOS power FET.
6
VIN
Power supply input of the regulator. Connected to the drain of the high-side NMOS power FET.
7
VIN
Power supply input of the regulator. Connected to the drain of the high-side NMOS power FET.
8
EN
Chip Enable, active high. A 2µA internal pull-up current enables the device if the pin is left open.
9
PGND
Ground return of the regulator.
10
VHI
Positive supply of the high-side driver.
11
LX
Inductor drive pin. High current digital output whose average voltage equals the regulator output voltage.
12
LX
Inductor drive pin. High current digital output whose average voltage equals the regulator output voltage.
13
VDRV
Positive supply of the low-side driver and input voltage for the high-side boot strap.
14
FB
Voltage feedback input. Connected to an external resistor divider between VOUT and GND. A 125nA pull-up current
forces VOUT to VS in the event that FB is floating.
15
VREF
Bandgap reference bypass capacitor. Typically 0.1µF to GND.
16
PGND
Ground return of the regulator.
EL7551


Similar Part No. - EL7551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
EL7551CU ELANTEC-EL7551CU Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU RENESAS-EL7551CU Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
More results

Similar Description - EL7551

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com