Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7520A Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7520A
Description  4-Channel DC/DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7520A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL7520A Datasheet HTML 4Page - Intersil Corporation EL7520A Datasheet HTML 5Page - Intersil Corporation EL7520A Datasheet HTML 6Page - Intersil Corporation EL7520A Datasheet HTML 7Page - Intersil Corporation EL7520A Datasheet HTML 8Page - Intersil Corporation EL7520A Datasheet HTML 9Page - Intersil Corporation EL7520A Datasheet HTML 10Page - Intersil Corporation EL7520A Datasheet HTML 11Page - Intersil Corporation EL7520A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
FN7318.0
July 12, 2005
EL7520, EL7520A
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION DESCRIPTION
1
CDLY
With a capacitor connected from this pin to GND sets the delay time for start-up sequence and sets the fault
timeout time
2
DRVB
Gate driver output for the external N channel switch; the pulse voltage follows the input voltage
3
PGND
Power GND
4
ISAD
With a resistor connected from this pin to GND sets the current limit of the external N channel FET
5
ISIN
Sense the drain voltage of the external N channel FET and connected to the internal current limit comparator
6
DELB
Active low control output for optional delay control for external VBOOST P channel FET; when fault is detected,
this pin goes to high
7
SGND
Low noise signal ground
8
FBB
Boost regulator voltage feedback input pin; regulates to 1.2V nominal
9CINT
VBOOST integrator output, connect 2.2nF to analog GND for PI mode or connect to VREF for P mode operation
10
VREF
Bandgap voltage bypass terminal; bypass with a 0.1µF to analog GND; can be used as charge pump reference
11
FBN
Negative LDO voltage feedback input pin; regulates to 0.2V nominal
12
DRVN
Negative LDO base drive; open drain of an internal P channel MOSFET
13
FBL
Logic LDO voltage feedback input pin; regulates to 1.2V nominal
14
DRVL
Logic LDO base drive; open drain of an internal N channel MOSFET
15
FBP
Positive LDO voltage feedback input pin; regulates to 1.2V nominal
16
DRVP
Positive LDO base drive; open drain of an internal N channel MOSFET
17
EN
Enable pin for the chip; high enable; low disabled
18
VDD
Positive supply for all internal circuitry except DRVB
19
VDDP
Positive supply for external N channel FET gate drive (DRVB)
20
PG
Output gate drive of the external fault protection P channel FET; when chip is disabled or when a fault has
been detected, this pin is high


Similar Part No. - EL7520A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7520AILZ RENESAS-EL7520AILZ Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
EL7520AILZ-T13 RENESAS-EL7520AILZ-T13 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
EL7520AILZ-T7 RENESAS-EL7520AILZ-T7 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
More results

Similar Description - EL7520A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7520 RENESAS-EL7520 Datasheet
883Kb / 18P
   4-Channel DC/DC Controller
logo
Princeton Technology Co...
PT16972 PTC-PT16972 Datasheet
429Kb / 4P
   4-Channel 100mA LED Driver with DC-DC Controller
logo
Infineon Technologies A...
TLD6098-1EP INFINEON-TLD6098-1EP Datasheet
1Mb / 48P
   Multitopology single-channel DC-DC controller
Rev.1.10 2021-09-30
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
   1-channel DC/DC converter controller
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
logo
List of Unclassifed Man...
AT1388 ETC-AT1388 Datasheet
637Kb / 24P
   6-Channel DC-DC Controller for DSC
logo
Renesas Technology Corp
PD168807 RENESAS-PD168807_15 Datasheet
541Kb / 32P
   4-ch Output DC-DC Converter Controller IC
UPD168807 RENESAS-UPD168807 Datasheet
540Kb / 32P
   4-ch Output DC-DC Converter Controller IC
Mar 18, 2011
logo
Generalplus Technology ...
GPCDXLXXXA GENERALPLUS-GPCDXLXXXA Datasheet
1Mb / 18P
   Multi-Channel Sound Controller with DC-DC Booster
logo
Sanyo Semicon Device
LV5050NV_0812 SANYO-LV5050NV_0812 Datasheet
103Kb / 7P
   DC / DC Converter Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com