Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7556BCM-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7556BCM-T13
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7556BCM-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL7556BCM-T13 Datasheet HTML 3Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 4Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 5Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 6Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 7Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 8Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 9Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 10Page - Intersil Corporation EL7556BCM-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Pin Descriptions
I = INPUT, O = OUTPUT, S = SUPPLY
PIN
NUMBER
PIN NAME
PIN
TYPE
FUNCTION
1
FB1
I
Voltage feedback pin for the buck regulator. Active when VCC2DET is logic low. Normally connected to
external resistor divider between VOUT and GND. A 2µA pull-up current forces VOUT to VSS in the event
that FB1is floating and VCC2DET is inadvertently connected to GND.
2
CREF
I
Bandgap reference bypass capacitor. Typically 0.1µF to VSS.
3
CSLOPE
I
Slope compensation capacitor. Ramp width corresponds to LX duty cycle. CSLOPE to COSC ratio is normally
1:1.5.
4
COSC
I
Oscillator timing capacitor. FOSC(Hz) can be approximated by: FOSC(Hz) = 0.0001/COSC. COSC in Farads.
5
VDD
S
Power Supply for PWM control circuitry. Normally the same potential as VIN.
6
VIN
S
Power supply for the buck regulator. Connected to the drain of the high-side NMOS FET.
7
VSSP
S
Ground return for the buck regulator. Connected to the source of the low-side synchronous NMOS FET.
8
VIN
S
Same as pin 6.
9
VSSP
S
Same as pin 7.
10
VSSP
S
Same as pin 7.
11
VSSP
S
Same as pin 7.
12
VSSP
S
Same as pin 7.
13
VCC2DET
I
VCC2DET interface logic input. When driven to logic 1 VOUT = 3.500V. When driven to logic 0 the PWM uses
FB1 to determine VOUT: VOUT = 1.0V*(1+R3/R4).
14
OUTEN
I
The switching regulator output is enabled when logic 1. The reference voltage output operates whenever the
power supply is qualified (VDD>VPOR) regardless of the state of this pin.
15
OT
O
Over temperature indicator. Normally high. Pulls low when die temperature exceeds 135°C, returns to the
high state when die temperature has cooled to 100°C.
16
PWRGD
O
Power good window comparator output. Logic 1 when regulator output is within ±10% of programmed voltage.
17
TEST
I
Test pin. Must be connected to VSSP in normal operation.
18
VSSP
S
Same as pin 7.
19
VSSP
S
Same as pin 7.
20
LX
O
Inductor drive pin. High current switching output whose average voltage equals the regulator output voltage.
21
LX
O
Same as pin 20.
22
LX
O
Same as pin 20.
23
LX
O
Same as pin 20.
24
VHI
I
Gate drive to high-side driver. Bootstrapped from LX with a 0.1µF capacitor.
25
VSS
S
Ground return for the control circuitry.
26
C2V
I
Connected to voltage doubler output. Supplies gate drive to the low-side driver.
27
CP
O
Drives the negative side of charge pump capacitor at one-half the oscillator frequency FOSC.
28
FB2
I
Voltage feedback pin. Active when VCC2DET is logic 1. Internally preset to VOUT = 3.5V.
EL7556B


Similar Part No. - EL7556BCM-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7556BCM-T13 ELANTEC-EL7556BCM-T13 Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556BCM-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com