Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7534IYZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7534IYZ-T13
Description  Monolithic 600mA Step-Down Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7534IYZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

  EL7534IYZ-T13 Datasheet HTML 1Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7534IYZ-T13 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN7431.5
August 16, 2005
Applications Information
Product Description
The EL7534 is a synchronous, integrated FET 600mA step-
down regulator which operates from an input of 2.5V to 6V.
The output voltage is user-adjustable with a pair of external
resistors.
The internally-compensated controller makes it possible to
use only two ceramic capacitors and one inductor to form a
complete, very small footprint 600mA DC:DC converter.
Start-Up and Shut-Down
When the EN pin is tied to VIN, and VIN reaches
approximately 2.4V, the regulator begins to switch. The
output voltage is gradually increased to ensure proper soft-
start operation.
When the EN pin is connected to a logic low, the EL7534 is
in the shut-down mode. All the control circuitry and both
MOSFETs are off, and VOUT falls to zero. In this mode, the
total input current is less than 1µA.
When the EN reaches logic HI, the regulator repeats the
start-up procedure, including the soft-start function.
PWM Operation
In the PWM mode, the P channel MOSFET and N channel
MOSFET always operate complementary. When the
PMOSFET is on and the NMOSFET off, the inductor current
increases linearly. The input energy is transferred to the
output and also stored in the inductor. When the P channel
MOSFET is off and the N channel MOSFET on, the inductor
current decreases linearly, and energy is transferred from
the inductor to the output. Hence, the average current
through the inductor is the output current. Since the inductor
and the output capacitor act as a low pass filter, the duty
cycle ratio is approximately equal to VO divided by VIN.
The output LC filter has a second order effect. To maintain
the stability of the converter, the overall controller must be
compensated. This is done with the fixed internally
compensated error amplifier and the PWM compensator.
Because the compensations are fixed, the values of input
and output capacitors are 10µF to 22µF ceramic. The
inductor is nominally 1.8µH, though 1.5µA to 2.2µH can be
used.
100% Duty Ratio Operation
EL7534 utilizes CMOS power FET's as the internal
synchronous power switches. The upper switch is a PMOS
and lower switch a NMOS. This not only saves a boot
capacitor, it also allows 100% turn-on of the upper PFET
switch, achieving VO close to VIN. The maximum achievable
VO is,
Where RL is the DC resistance on the inductor and RDSON1
the PFET on-resistance, nominal 70m
Ω at room temperature
with tempco of 0.2m
Ω/°C.
As the input voltage drops gradually close or even bellow the
preset VO, the converter gets into 100% duty ratio. At this
condition, the upper PFET needs some minimum turn-off
time if it is turned off. This off-time is related to input/output
conditions. This makes the duty ratio appears randomly and
increases the output ripple somewhat until the 100% duty
ratio is reached. Larger output capacitor could reduce the
random-looking ripple. Users need to verify if this condition
FIGURE 12. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 13. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN=3.3V, VO=1.8V, IO=600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.7
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
607mW
θ
JA =
206
°C
/W
MS
OP
10
0.5
125
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.2
1
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
1.087W
θ
JA =
115
°C
/W
MS
OP
10
0.8
0.2
0.6
125
VO
VIN RL RDSON1
+
() I
O
×
=
EL7534


Similar Part No. - EL7534IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7534IYZ-T13 INTERSIL-EL7534IYZ-T13 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Renesas Technology Corp
EL7534IYZ-T13 RENESAS-EL7534IYZ-T13 Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
More results

Similar Description - EL7534IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Renesas Technology Corp
EL7534 RENESAS-EL7534 Datasheet
487Kb / 9P
   Monolithic 600mA Step-Down Regulator
logo
Linear Technology
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
   Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com