Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7562
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7562 Datasheet HTML 1Page - Intersil Corporation EL7562 Datasheet HTML 2Page - Intersil Corporation EL7562 Datasheet HTML 3Page - Intersil Corporation EL7562 Datasheet HTML 4Page - Intersil Corporation EL7562 Datasheet HTML 5Page - Intersil Corporation EL7562 Datasheet HTML 6Page - Intersil Corporation EL7562 Datasheet HTML 7Page - Intersil Corporation EL7562 Datasheet HTML 8Page - Intersil Corporation EL7562 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Application Diagram for 3.3V Input
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
SGND
COSC
VDD
PGND
PGND
VIN
VIN
EN
PGND
VREF
FB
VDRV
LX
LX
VHI
PGND
R3
L1
C3
C4
C1
C2
C5
C6
C7
VO
(2.5V, 2A)
VIN
(3V-3.6V)
0.1µF
270pF
39
100µF
0.1µF
0.1µF
0.1µF
4.7µF
100µF
R2
1.54k
R1
1k
C9
0.1µF
C8
0.1µF
D2
D3
D4
EL7562
(16-Pin QSOP)


Similar Part No. - EL7562

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7562 ELANTEC-EL7562 Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
635Kb / 7P
   The EL7562 is a Buck (Step Down) DC:DC controller with integrated synchronous MOSFETs in a 16-pin QSOP package.
EL7562 INTERSIL-EL7562 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Elantec Semiconductor
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
More results

Similar Description - EL7562

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com