Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7556DCMZ-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7556DCMZ-T13
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7556DCMZ-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7556DCMZ-T13 Datasheet HTML 3Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 4Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 5Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 6Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 7Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 8Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 9Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 10Page - Intersil Corporation EL7556DCMZ-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Typical Performance Curves
2.3
1.9
1.7
1.3
1.1
0.9
0.7
2.1
1.5
3.0
0
20
VDD(V)
3.5
4.5
5.0
Power On Reset
40
2.5
30
10
4.0
Minimum Output Voltage vs FOSC
FOSC (kHz)
VDD=5.5V
VDD=4.5V
VDD=5V
TJ=120°C
41
35
29
27
25
Bare Cu Area (in2)
39
31
37
33
ΘJA vs Cu Area
6.00
4.00
2.00
1.00
5.00
8.0
7.0
5.5
5.0
4.5
4.0
TA (°C)
6.0
7.5
6.5
Maximum ILOAD vs Temperature
7556 Demo Board (31°C/W)
38
32
30
24
20
Temperature (°C)
36
26
34
28
RDSON vs Temperature
125
75
50
25
100
0.00
3.00
22
0
Board with no
Components
Board with
Inductor
100 LFPM
Still Air
OUTEN connected to OT
70
60
40
30
65
25
50
45
35
55
TA=25°C
OUTEN=VDD
FOSC=500k
EL7556D


Similar Part No. - EL7556DCMZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556DCMZ-T13 RENESAS-EL7556DCMZ-T13 Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556DCMZ-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7556BC ELANTEC-EL7556BC Datasheet
322Kb / 13P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com