Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7562CU Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7562CU
Description  Monolithic 2Amp DC-DC Step-Down Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7562CU Datasheet(HTML) 1 Page - Intersil Corporation

  EL7562CU Datasheet HTML 1Page - Intersil Corporation EL7562CU Datasheet HTML 2Page - Intersil Corporation EL7562CU Datasheet HTML 3Page - Intersil Corporation EL7562CU Datasheet HTML 4Page - Intersil Corporation EL7562CU Datasheet HTML 5Page - Intersil Corporation EL7562CU Datasheet HTML 6Page - Intersil Corporation EL7562CU Datasheet HTML 7Page - Intersil Corporation EL7562CU Datasheet HTML 8Page - Intersil Corporation EL7562CU Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7295
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL7562
Monolithic 2Amp DC-DC Step-Down
Regulator
The EL7562 is an integrated,
synchronous step-down regulator with
output voltage adjustable from 1.0V to
3.8V. It is capable of delivering 2A continuous current at up
to 95% efficiency. The EL7562 operates at a constant
frequency pulse width modulation (PWM) mode, making
external synchronization possible. Patented on-chip
resistorless current sensing enables current mode control,
which provides cycle-by-cycle current limiting, over-current
protection, and excellent step load response. The EL7562 is
available in a fused-lead 16-pin QSOP package. With proper
external components, the whole converter fits into a less
than 0.5 in2 area. The minimal external components and
small size make this EL7562 ideal for desktop and portable
applications.
The EL7562 is specified for operation over the 0°C to +70°C
temperature range.
Pinout
EL7562
(16-PIN QSOP)
TOP VIEW
Features
• Integrated synchronous MOSFETs and current mode
controller
• 2A continuous output current
• Up to 95% efficiency
• 3.3V or 5V nominal input voltage
• Adjustable output from 1V to 3.8V
• Cycle-by-cycle current limit
• Precision reference
• ±0.5% load and line regulation
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• Internal soft-start
• Over-temperature protection
• Under-voltage lockout
• 16-pin QSOP package
Applications
• DSP, CPU core and IO supplies
• Logic/Bus supplies
• Portable equipment
• DC-DC converter modules
• GTL + Bus power supply
Please refer to page 4 for 3.3V input Application Diagram
Manufactured under U.S. Patent No. 57,323,974
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
SGND
COSC
VDD
PGND
PGND
VIN
VIN
EN
PGND
VREF
FB
VDRV
LX
LX
VHI
PGND
C4
270pF
C3
0.1µF
C2
0.1µF
C1
100µF
R3
39
VIN
(4.5V- 5.5V)
C6
0.1µF
C7
100µF
R2
2.37k
R1
1k
C5
0.1µF
VO
(3.3V,
2A)
Ordering Information
PART
NUMBER
PACKAGE
TAPE & REEL
PKG. DWG. #
EL7562CU
16-Pin QSOP
-
MDP0040
EL7562CU-T7
16-Pin QSOP
7”
MDP0040
EL7562CU-T13 16-Pin QSOP
13”
MDP0040
Data Sheet
April 30, 2004
NOT
REC
OMM
END
ED F
OR N
EW
DES
IGN
S
SEE
EL7
532


Similar Part No. - EL7562CU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7562CU ELANTEC-EL7562CU Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7562CU INTERSIL-EL7562CU Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562CU RENESAS-EL7562CU Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562CU-T13 INTERSIL-EL7562CU-T13 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562CU-T13 RENESAS-EL7562CU-T13 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results

Similar Description - EL7562CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com