Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564CRE Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL7564CRE
Description  Monolithic 4 Amp DC/DC Step-Down Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7564CRE Datasheet(HTML) 3 Page - Intersil Corporation

  EL7564CRE Datasheet HTML 1Page - Intersil Corporation EL7564CRE Datasheet HTML 2Page - Intersil Corporation EL7564CRE Datasheet HTML 3Page - Intersil Corporation EL7564CRE Datasheet HTML 4Page - Intersil Corporation EL7564CRE Datasheet HTML 5Page - Intersil Corporation EL7564CRE Datasheet HTML 6Page - Intersil Corporation EL7564CRE Datasheet HTML 7Page - Intersil Corporation EL7564CRE Datasheet HTML 8Page - Intersil Corporation EL7564CRE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7297.3
May 9, 2005
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VIN or VDD and GND . . . . . . . . . . . . +6.5V
VLX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VIN +0.3V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V, VDD +0.3V
VHI Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V, VLX +6.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Ambient Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +135°
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VDD = VIN = 5V, TA = TJ = 25°C, COSC = 1.2nF, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VREF
Reference Accuracy
1.24
1.26
1.28
V
VREFTC
Reference Temperature Coefficient
50
ppm/°C
VREFLOAD
Reference Load Regulation
0 < IREF < 50µA
-1
%
VRAMP
Oscillator Ramp Amplitude
1.15
V
IOSC_CHG
Oscillator Charge Current
0.1V < VOSC < 1.25V
200
µA
IOSC_DIS
Oscillator Discharge Current
0.1V < VOSC < 1.25V
8
mA
IVDD+VDRV
VDD+VDRV Supply Current
VEN = 4V, FOSC = 120kHz
2
3.5
5
mA
IVDD_OFF
VDD Standby Current
EN = 0
1
1.5
mA
VDD_OFF
VDD for Shutdown
3.5
3.9
V
VDD_ON
VDD for Startup
44.35
V
TOT
Over Temperature Threshold
135
°C
THYS
Over Temperature Hysteresis
20
°C
ILEAK
Internal FET Leakage Current
EN = 0, LX = 5V (low FET), LX = 0V (high FET)
10
µA
ILMAX
Peak Current Limit
5
A
RDSON
FET On Resistance
Wafer level test only
30
60
m
RDSONTC
RDSON Tempco
0.2
m
Ω/°C
ISTP
Auxiliary Supply Tracking Positive
Input Pull Down Current
VSTP = VIN / 2
-4
2.5
µA
ISTN
Auxiliary Supply Tracking Negative
Input Pull Up Current
VSTN = VIN / 2
2.5
4
µA
VPGP
Positive Power Good Threshold
With respect to target output voltage
6
14
%
VPGN
Negative Power Good Threshold
With respect to target output voltage
-14
-6
%
VPG_HI
Power Good Drive High
IPG = +1mA
4
V
VPG_LO
Power Good Drive Low
IPG = -1mA
0.5
V
VOVP
Over Voltage Protection
10
%
VFB
Output Initial Accuracy (EL7564CM) ILOAD = 0A
0.960
0.975
0.99
V
Output Initial Accuracy
(EL7564CRE)
0.977
0.992
1.007
V
VFB_LINE
Output Line Regulation
VIN = 5V, ∆VIN = 10%, ILOAD = 0A
0.5
%
VFB_LOAD
Output Load Regulation
0.5A < ILOAD < 4A
0.5
%
VFB_TC
Output Temperature Stability
-40°C < TA < 85°C, ILOAD = 2A
±1
%
IFB
Feedback Input Pull Up Current
VFB = 0V
100
200
nA
VEN_HI
EN Input High Level
3.2
4
V
VEN_LO
EN Input Low Level
1
V
IEN
Enable Pull Up Current
VEN = 0
-4
-2.5
µA
EL7564


Similar Part No. - EL7564CRE

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7564CRE ELANTEC-EL7564CRE Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7564CRE RENESAS-EL7564CRE Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564CRE-T13 RENESAS-EL7564CRE-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Elantec Semiconductor
EL7564CRE-T7 ELANTEC-EL7564CRE-T7 Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7564CRE-T7 RENESAS-EL7564CRE-T7 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CRE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566 Datasheet
490Kb / 14P
   Monolithic 6 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com