Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7585ILZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL7585ILZ-T7
Description  TFT-LCD Power Supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7585ILZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL7585ILZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7585ILZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN7345.1
July 1, 2005
ILOW
Logic Low bias Current
0.2
1
µA
IHIGH
Logic High bias Current
at VEN = 5V
12
18
24
µA
Electrical Specifications
VDD = 5V, VBOOST = 11V, ILOAD = 200mA, VON = 15V, VOFF = -5V, VLOGIC = 2.5V, over temperature from
-40°C to 85°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
1
CDLY
A capacitor connected from this pin to GND sets the delay time for start-up sequence and sets the fault
timeout time
2
DELB
Gate drive of optional VBOOST delay FET
3, 4
LX1, LX2
Drain of the internal N channel boost FET; for EL7586, pin 4 is not connected
5
DRVP
Positive LDO base drive; open drain of an internal N channel FET
6
FBP
Positive LDO voltage feedback input pin; regulates to 1.2V nominal
7
DRVL
Logic LDO base drive; open drain of an internal N channel FET
8
FBL
Logic LDO voltage feedback input pin; regulates to 1.2V nominal
9, 17
SGND
Low noise signal ground
10
DRVN
Negative LDO base drive; open drain of an internal P channel FET
11
FBN
Negative LDO voltage feedback input pin; regulates to 0.2V nominal
12, 13
PGND
Power ground, connected to source of internal N channel boost FET
14
VREF
Bandgap voltage bypass, connect a 0.1µF to SGND
15
CINT
VBOOST integrator output, connect capacitor to SGND for PI mode or connect to VDD for P mode
operation
16
FBB
Boost regulator voltage feedback input pin; regulates to 1.2V nominal
18
EN
Enable pin, High=Enable; Low or floating=Disable
19
VDD
Positive supply
20
PG
Gate drive of optional fault protection FET, when chip is disabled or when a fault has been detected, this
is high
Typical Performance Curves
FIGURE 1. VBOOST EFFICIENCY AT VIN=3V (PI MODE)
FIGURE 2. VBOOST EFFICIENCY AT VIN=5V (PI MODE)
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
IOUT (A)
VO=9V
VO=12V
VO=15V
0
10
20
30
40
50
60
70
80
90
100
00.5
11.5
IOUT (A)
VO=9V
VO=12V
VO=15V
EL7585


Similar Part No. - EL7585ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7585ILZ-T7 INTERSIL-EL7585ILZ-T7 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7585ILZ-T7 RENESAS-EL7585ILZ-T7 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
More results

Similar Description - EL7585ILZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
EL7585 INTERSIL-EL7585_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com