Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7630ICZ-T7A Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7630ICZ-T7A
Description  White LED Boost Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7630ICZ-T7A Datasheet(HTML) 7 Page - Intersil Corporation

  EL7630ICZ-T7A Datasheet HTML 1Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 2Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 3Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 4Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 5Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 6Page - Intersil Corporation EL7630ICZ-T7A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7371.0
June 28, 2005
The efficiency bench test results are shown in Figure 12. In
the test, the input voltage is 4V and 2, 3, 4, 5 and 6 LEDs are
used as the load (boost inductor L = 22µH Sumida
CDRH5D28R-220NC).
White LED Connections
One leg of LEDs connected in series will ensure brightness
uniformity. The 27V maximum output voltage specification
enables up to 6 LEDs to be placed in series.
In order to output more power to drive more LEDs, LEDs
should be in series/parallel connection. Due to the LED's
negative temperature coefficient, in each parallel branch, the
driving source should be high impedance, to balance the
LED current in each branch. One of the ways to ensure the
brightness uniformity is to add mirror current balance circuit,
built up with three transistors for the 15 LEDs series/parallel
connection application shown in Figure 13.
PCB Layout Considerations
The PCB layout is very important for the converter to
function properly. For the SC-70 6 pin package, Power
Ground and Signal Ground should be separated to ensure
the high pulse current in the power ground does not interfere
with the sensitive signals connected to Signal Ground. Both
grounds should only be connected at one point right at the
chip. The heavy current loops (VIN-L1-LX-PGND, and VIN-
L1-D1-C2-PGND) should be as short as possible. For the
TSOT 5 pin package, there is no separated GND. All return
GNDs should be connected in GND pin but with no sharing
branch. Based on the signal level on each branch, the lower
power level of the branch, the closer the branch to GND pin
in order to minimize the branch interactive.
The FB pin is most important. The current sense resistor
RSET should be very close to this pin. If a long trace is
required to the LEDs, a small decoupling capacitor should be
placed at this pin.
The heat of the IC is mainly dissipated through the PGND
pin. Maximizing the copper area connected to this pin is
preferable. In addition, a solid ground plane is always helpful
for the EMI performance.
The demo board is a good example of layout based on the
principle. Please refer to the EL7630 Application Brief for the
layout.
FIGURE 12. EFFICIENCY CURVE WITH 2, 3, 4, 5 AND 6 LEDs
LOAD
55
60
65
70
75
80
85
90
010
20
30
LED CURRENT (mA)
22µH,VIN=4V
3LED
4LED
5LED
2LED
6LED
EL7630
C1
VDD
LX
ENAB
FB
GND
L1
D1
C2
RSET
VIN
2.7V~5.5V
OFF/ON
LEDs
EL7630
VDD
LX
ENAB
FB
GND
L1
D1
FIGURE 13. LEDs IN SERIES/PARALLEL WITH MIRROR
CURRENT BALANCE
EL7630


Similar Part No. - EL7630ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7630ICZ-T7A INTERSIL-EL7630ICZ-T7A Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630ICZ-T7A RENESAS-EL7630ICZ-T7A Datasheet
388Kb / 7P
   White LED Boost Regulator
More results

Similar Description - EL7630ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Sipex Corporation
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
   SOT23Micro Power Boost Regulator Series White LED Driver
SP6690 SIPEX-SP6690 Datasheet
270Kb / 16P
   Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
   Micro Power Boost Regulator Series White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com