Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1208IU8 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL1208IU8
Description  I2C Real Time Clock/Calendar
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208IU8 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL1208IU8 Datasheet HTML 2Page - Intersil Corporation ISL1208IU8 Datasheet HTML 3Page - Intersil Corporation ISL1208IU8 Datasheet HTML 4Page - Intersil Corporation ISL1208IU8 Datasheet HTML 5Page - Intersil Corporation ISL1208IU8 Datasheet HTML 6Page - Intersil Corporation ISL1208IU8 Datasheet HTML 7Page - Intersil Corporation ISL1208IU8 Datasheet HTML 8Page - Intersil Corporation ISL1208IU8 Datasheet HTML 9Page - Intersil Corporation ISL1208IU8 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8085.3
July 29, 2005
Typical Performance Curves Temperature is 25°C unless otherwise specified
FIGURE 1. IBAT vs VBAT
FIGURE 2. IBAT vs TEMPERATURE AT VBAT = 3V
FIGURE 3. IDD1 vs TEMPERATURE
FIGURE 4. IDD1 vs VCC WITH LPMODE ON & OFF
FIGURE 5. IDD1 vs FOUT AT VDD = 3.3V
FIGURE 6. IDD1 vs FOUT AT VDD = 5V
000E+0
100E-9
200E-9
300E-9
400E-9
500E-9
600E-9
700E-9
800E-9
900E-9
1E-6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBAT (V)
000E+0
200E-9
400E-9
600E-9
800E-9
1E-6
-40
-20
0
2040
6080
TEMPERATURE (°C)
1.0E-06
1.2E-06
1.4E-06
1.6E-06
1.8E-06
2.0E-06
2.2E-06
2.4E-06
-40
-20
0
2040
6080
TEMPERATURE (°C)
VCC = 5V
VCC = 3.3V
400.0E-9
600.0E-9
800.0E-9
1.0E-6
1.2E-6
1.4E-6
1.6E-6
1.8E-6
2.0E-6
2.2E-6
2.4E-6
2.53.0
3.54.0
4.55.0
5.5
VCC (V)
LPMODE = 0
LPMODE = 1
1.2E-6
1.3E-6
1.4E-6
1.5E-6
1.6E-6
1.7E-6
1.8E-6
1.9E-6
2.0E-6
2.1E-6
FOUT (Hz)
1.8E-6
1.9E-6
2.0E-6
2.1E-6
2.2E-6
2.3E-6
2.4E-6
2.5E-6
2.6E-6
2.7E-6
2.8E-6
2.9E-6
3.0E-6
FOUT (Hz)
ISL1208


Similar Part No. - ISL1208IU8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1208IU8 INTERSIL-ISL1208IU8 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IU8 INTERSIL-ISL1208IU8 Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208IU8 RENESAS-ISL1208IU8 Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL1208IU8-TK INTERSIL-ISL1208IU8-TK Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IU8-TK INTERSIL-ISL1208IU8-TK Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
More results

Similar Description - ISL1208IU8

ManufacturerPart #DatasheetDescription
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com