Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3874 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL3874
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3874 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL3874 Datasheet HTML 5Page - Intersil Corporation ISL3874 Datasheet HTML 6Page - Intersil Corporation ISL3874 Datasheet HTML 7Page - Intersil Corporation ISL3874 Datasheet HTML 8Page - Intersil Corporation ISL3874 Datasheet HTML 9Page - Intersil Corporation ISL3874 Datasheet HTML 10Page - Intersil Corporation ISL3874 Datasheet HTML 11Page - Intersil Corporation ISL3874 Datasheet HTML 12Page - Intersil Corporation ISL3874 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9
Absolute Maximum Ratings
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
BGA Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
56
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 100oC
Maximum Soldering Temperature . . . . . . . . . See Tech Brief TB334
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Electrical Specifications (Test conditions @ 25oC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Current
ICCOP
VCC = 3.6V, CLK Frequency = 44MHz
-
170
TBD
mA
Standby Power Supply Current
ICCSB
VCC = Max, Outputs Not Loaded
-
3
TBD
mA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-
100
TBD
nA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-
300
TBD
nA
Logical One Input Voltage
VIH
VCC = Max, Min
0.7VCC
-
-
V
Logical Zero Input Voltage
VIL
VCC = Min, Max
-
-
VCC*0.3
V
Logical One Output Voltage
VOH
IOH = -1mA, VCC = Min
VCC-0.2
2.6
-
V
Logical Zero Output Voltage
VOL
IOL = 2mA, VCC = Min
-
0.05
0.2
V
Input Capacitance
CIN
CLK Frequency = 1MHz. All measurements
referenced to GND. TA = 25
oC
-
5
10
pF
Output Capacitance
COUT
CLK Frequency 1MHz. All measurements
referenced to GND. TA = 25
oC
-
5
10
pF
NOTE: All values in this table have not been measured and are only estimates of the performance at this time.
AC Electrical Specifications
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CLOCK SIGNAL TIMING
OSC Clock Period (Typ. 44MHz)
tCYC
22.5
20.8
200
ns
High Period
tH1
10
10.4
-
ns
Low Period
tL1
10
10.4
-
ns
Full Scale Input Voltage (VP-P)
TBD
TBD
4
V
EXTERNAL MEMORY READ INTERFACE
MOE-Setup Time from RAMCS_
tS1
0
-
-
ns
MOE_Setup Time from MA (17..0)
tS2
0
-
-
ns
MA (17..1) Hold Time from MOE_ Rising Edge
tH1
20
-
-
ns
RAMCS_ Hold from MOE_ Rising Edge
tH2
20
-
-
ns
MD (15..0) Enable from MOE_ Falling
tE1
5
-
-
ns
MO (15..0) Disable from MOE_ Rising Edge
tD1
-
-
100
ns
EXTERNAL MEMORY WRITE INTERFACE
MA (17..0) Setup to MWE_ Falling Edge
tS3
0
0
0
ns
RAMCS_ Setup to MWE
tS4
0
-
-
ns
MA (17..0) Hold from MWE_ Rising Edge
tH3
15
-
-
ns
RAMCS _ Hold from MWE_ Rising Edge
tH4
15
-
-
ns
MD (15..0) Setup to MWE_ Rising Edge
tS5
40
-
-
ns
MD (15..0) Hold from MWE_ Rising Edge
tH5
15
-
-
ns
ISL3874


Similar Part No. - ISL3874

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18-TK INTERSIL-ISL3871IK18-TK Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IN18 INTERSIL-ISL3871IN18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IN18-TS INTERSIL-ISL3871IN18-TS Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

Similar Description - ISL3874

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com