Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3873AIK-TK Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL3873AIK-TK
Description  Wireless LAN Integrated Medium Access Controller with Baseband Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3873AIK-TK Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL3873AIK-TK Datasheet HTML 4Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 5Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 6Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 7Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 8Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 9Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 10Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 11Page - Intersil Corporation ISL3873AIK-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
SYNTHCLK(PK1) Width Hi
tH1
tCYC/2 - 10
-
tCYC/2 + 10
ns
SYNTHCLK(PK1) Width Lo
tL1
tCYC/2 - 10
-
tCYC/2 + 10
ns
SERIAL PORT
SYNTHCLK(PK1) Clock Period
tCYC
83ns
-
4000
ns
Low Width
tH1,tL1
tCYC/2 -10
-
tCYC/2 + 10
ns
Delay from Clock Falling Edge to SPCSx, SPAS, SPREAD,
SYNTHDATA(PK2) Outputs
tCD
-10
-
ns
Setup Time of SYTHNDATA(PK2) Read to SYTHNCLK(PK1) Falling Edge
tDRS
15
-
-
ns
Hold Time of SYTHNDATA(PK2) Read from SYTHNCLK(PK1) Falling Edge
tDRH
0-
-
Hold Time of SYTHNDATA(PK2) Write from SYTHNCLK(PK1) Falling Edge
tDWH
0-
-
SYSTEM INTERFACE - PC CARD IO READ 16
Data Delay After HIORD-
tDIORD
--
100
ns
Data Hold Following HIORD-
tHIORD
0-
-
ns
HIORD- Width Time
tWIORD
165
-
-
ns
Address Setup Before HIORD-
tSUA
70
-
-
ns
Address Hold Following HIORD-
tHA
20
-
-
ns
HCE(1,2)- Setup Before HIORD-
tSUCE
5-
-
ns
HCE(1,2)- Hold After HIORD-
tHCE
20
-
-
ns
HREG- Setup Before HIORD-
tSUREG
5-
-
ns
HREG- Hold Following HIORD-
tHREG
0-
-
ns
HINPACK- Delay Falling from HIORD-
tDFINPACK
0
-
45
ns
HINPACK- Delay Rising from HIORDN
dDRINPACK
30
-
45
ns
HWAIT-
tDFWT
-
-
35
ns
Data Delay from HWAIT- Rising
tDRWT
--
0
ns
HWAIT- Width Time
tWWT
-
-
12,000
ns
SYSTEM INTERFACE - PC CARD IO WRITE 16
Data Setup Before HIOWR-
tSUIOWR
30
-
92
ns
Data Hold Following HIOWR-
tHIOWR
20
-
-
ns
HIOWRN- Width Time
tWIOWR
165
-
-
ns
Address Setup Before HIOWR-
tSUA
70
-
-
ns
Address Hold Following HIOWR-
tHA
20
-
-
ns
HCE(1,2)- Setup Before HIOWR-
tSUCE
5-
-
ns
HCE(1,2)- Hold Following HIOWR-
tHCE
20
-
-
ns
HREG- Setup Before HIOWR-
tSUREG
5-
-
ns
HREG- Hold Following HIOWR-
tHREG
0-
-
ns
HWAIT- Delay Falling from HIOWR-
tDFWT
-
-
35
ns
HWAIT- Width Time
tWWT
-
-
12,000
ns
HIOWRN High from HWAIT- High
tDRIOWR
0-
-
ns
BASEBAND SIGNALS
Full Scale Input Voltage (VP-P)
0.25
0.50
1.0
V
Input Bandwidth (-0.5dB)
-20
-
MHz
Input Capacitance
-5
-
pF
Input Impedance (DC)
5-
-
k
FS (Sampling Frequency)
--
22
MHz
AC Electrical Specifications
(Continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
ISL3873A


Similar Part No. - ISL3873AIK-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK INTERSIL-ISL3873IK Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873IK96 INTERSIL-ISL3873IK96 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results

Similar Description - ISL3873AIK-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
Intersil Corporation
ISL3874 INTERSIL-ISL3874 Datasheet
390Kb / 33P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor with Mini-PCI
HFA3841 INTERSIL-HFA3841 Datasheet
211Kb / 27P
   Wireless LAN Medium Access Controller
January 2000
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
logo
OKI electronic componet...
MSM7712 OKI-MSM7712 Datasheet
157Kb / 20P
   Wireless LAN Baseband Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com