Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59424 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL59424
Description  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59424 Datasheet HTML 1Page - Intersil Corporation ISL59424 Datasheet HTML 2Page - Intersil Corporation ISL59424 Datasheet HTML 3Page - Intersil Corporation ISL59424 Datasheet HTML 4Page - Intersil Corporation ISL59424 Datasheet HTML 5Page - Intersil Corporation ISL59424 Datasheet HTML 6Page - Intersil Corporation ISL59424 Datasheet HTML 7Page - Intersil Corporation ISL59424 Datasheet HTML 8Page - Intersil Corporation ISL59424 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN7456.2
September 8, 2005
FIGURE 3. 0.1dB GAIN vs FREQUENCY
FIGURE 4. ROUT vs FREQUENCY
FIGURE 5. ISL59424 TRANSIENT RESPONSE
FIGURE 6. ISL59445 TRANSIENT RESPONSE
FIGURE 7. ISL59424 CROSSTALK AND OFF ISOLATION
FIGURE 8. ISL59445 CROSSTALK AND OFF ISOLATION
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
10
100
1.2K
FREQUENCY (MHz)
SOURCE
POWER =-12dBm
-0.7
-0.6
-0.4
-0.3
-0.1
0
0.1
-0.2
-0.5
1
CL=2.0pF
CL=0.5pF
0.2
-0.8
1K
CL=1.5pF
100
10
1
0.1
0.1
1
10
100
1K
FREQUENCY (MHz)
ISL59445
ISL59424
SOURCE
POWER =-12dBm
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL=1.5pF
RL=500Ω
0.8
-0.8
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL=1.5pF
RL=500Ω
-0.8
0.8
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1K
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
OFF ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
0
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
OFF ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
1K
-10
ISL59424, ISL59445


Similar Part No. - ISL59424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

Similar Description - ISL59424

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com