Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59421IUZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL59421IUZ
Description  865MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59421IUZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59421IUZ Datasheet HTML 1Page - Intersil Corporation ISL59421IUZ Datasheet HTML 2Page - Intersil Corporation ISL59421IUZ Datasheet HTML 3Page - Intersil Corporation ISL59421IUZ Datasheet HTML 4Page - Intersil Corporation ISL59421IUZ Datasheet HTML 5Page - Intersil Corporation ISL59421IUZ Datasheet HTML 6Page - Intersil Corporation ISL59421IUZ Datasheet HTML 7Page - Intersil Corporation ISL59421IUZ Datasheet HTML 8Page - Intersil Corporation ISL59421IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN7458.1
September 21, 2005
0.1dB BW
0.1dB Bandwidth
AV =1, RF = 357Ω, VOUT = 100mVP-P,
CL = 4.9pF, CG = 0.6pF
90
MHz
AV =2, RF =RG = 100Ω, VOUT =2VP-P,
CL = 6.3pF, CG = 0.6pF
80
MHz
dG
Differential Gain Error
NTSC-7, RL = 150, CL = 4.9pF, AV = 1
0.01
%
NTSC-7, RL = 150, CL = 6.3pF, AV =2
0.01
%
dP
Differential Phase Error
NTSC-7, RL = 150, CL = 4.9pF, AV =1
0.02
°
NTSC-7, RL = 150, CL = 6.3pF, AV =2
0.02
°
+SR
Slew Rate
25% to 75%, AV =1, VOUT = 4V, RL = 500Ω,
CL = 6.5pF
1417
V/
µs
25% to 75%, AV =2, VOUT = 5V, RL = 500Ω,
CL = 6.5pF
2008
V/
µs
-SR
Slew Rate
25% to 75%, AV = 1, VOUT = 4V, RL = 500Ω,
CL = 6.5pF
1101
V/
µs
25% to 75%, AV = 2, VOUT = 5V, RL = 500Ω,
CL = 6.5pF
1563
V/
µs
PSRR
Power Supply Rejection Ratio
DC, PSRR V+ and V- combined
-60
-68
dB
ISO
Channel Isolation
f = 10MHz, Ch-Ch X-Talk and Off Isolation,
CL = 6.3pF
75
dB
SWITCHING CHARACTERISTICS
VGLITCH
Channel-to-Channel Switching Glitch
VIN = 0V, CL = 6.3pF, AV = 2
26
mVP-P
Enable Switching Glitch
VIN = 0V, CL = 6.3pF, AV = 2
1280
mVP-P
HIZ Switching Glitch
VIN = 0V, CL= 6.3pF, AV =2
430
mVP-P
tSW-L-H
Channel Switching Time Low to High
1.2V logic threshold to 10% movement of
analog output
24
ns
tSW-H-L
Channel Switching Time High to Low
1.2V logic threshold to 10% movement of
analog output
19
ns
TRANSIENT RESPONSE
tR, tF
Rise & Fall Time, 10% to 90%
AV = 1, RF = 357Ω, VOUT = 100mVP-P,
CL = 4.9pF, CG = 0.6pF
0.52
ns
AV = 2, RF = RG = 100Ω, VOUT = 2VP-P,
CL = 6.3pF, CG = 0.6pF
1.11
ns
tS
0.1% Settling Time
AV = 2, RF = RG = 100Ω, VOUT = 2VP-P,
CL = 6.3pF, CG = 0.6pF
4.7
ns
OS
Overshoot
AV = 1, RF = 357Ω, VOUT = 100mVP-P,
CL = 4.9pF, CG = 0.6pF
5.95
%
AV =2, RF =RG = 100Ω, VOUT = 2VP-P,
CL = 6.3pF, CG = 0.6pF
16.56
%
tPLH
Propagation Delay - Low to High,
10% to 10%
AV = 1, RF = 357Ω, VOUT = 100mVP-P,
CL = 4.9pF, CG = 0.6pF
0.43
ns
AV = 2, RF = RG = 100Ω, VOUT = 2VP-P,
CL = 6.3pF, CG = 0.6pF
0.73
ns
tPHL
Propagation Delay- High to Low,
10% to 10%
AV = 1, RF = 357Ω, VOUT = 100mVP-P,
CL = 4.9pF, CG = 0.6pF
0.55
ns
AV = 2, RF = RG = 100Ω, VOUT = 2VP-P,
CL = 6.3pF, CG = 0.6pF
0.82
ns
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = 25°C, RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL59421


Similar Part No. - ISL59421IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421IUZ RENESAS-ISL59421IUZ Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IUZ-T13 RENESAS-ISL59421IUZ-T13 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
ISL59421IUZ-T7 RENESAS-ISL59421IUZ-T7 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
More results

Similar Description - ISL59421IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com