Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT10N Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74ACT10N
Description  TRIPLE 3-INPUT NAND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT10N Datasheet(HTML) 1 Page - ON Semiconductor

  MC74ACT10N Datasheet HTML 1Page - ON Semiconductor MC74ACT10N Datasheet HTML 2Page - ON Semiconductor MC74ACT10N Datasheet HTML 3Page - ON Semiconductor MC74ACT10N Datasheet HTML 4Page - ON Semiconductor MC74ACT10N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-1
FACT DATA
Triple 3Input NAND Gate
• Outputs Source/Sink 24 mA
• ′ACT10 Has TTL Compatible Inputs
13
14
12
11
10
9
8
2
1
3
4
5
6
7
GND
VCC
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
–0.5 to +7.0
V
Vin
DC Input Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Vout
DC Output Voltage (Referenced to GND)
–0.5 to VCC +0.5
V
Iin
DC Input Current, per Pin
±20
mA
Iout
DC Output Sink/Source Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
Tstg
Storage Temperature
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended
Operating Conditions.
MC74AC10
MC74ACT10
TRIPLE 3-INPUT
NAND GATE
N SUFFIX
CASE 646-06
PLASTIC
D SUFFIX
CASE 751A-03
PLASTIC


Similar Part No. - MC74ACT10N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT109 ONSEMI-MC74ACT109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109D ONSEMI-MC74ACT109D Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109DR2 ONSEMI-MC74ACT109DR2 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109DT ONSEMI-MC74ACT109DT Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74ACT109DTR2 ONSEMI-MC74ACT109DTR2 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
More results

Similar Description - MC74ACT10N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
   Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
   Triple 3-input NAND gate
1989 Sep 20
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
   Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
   TRIPLE 3-INPUT NAND GATE
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
   Triple 3-input NAND gate
logo
NXP Semiconductors
74LVC10A PHILIPS-74LVC10A Datasheet
84Kb / 8P
   Triple 3-input NAND gate
1998 Apr 28
logo
System Logic Semiconduc...
SL74HC10 SLS-SL74HC10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
[Old version datasheet]   Triple 3-Input NAND Gate
logo
NXP Semiconductors
HEF4023B PHILIPS-HEF4023B Datasheet
25Kb / 3P
   Triple 3-input NAND gate
January 1995
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com