Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59445IR-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL59445IR-T7
Description  1GHz Triple Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59445IR-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL59445IR-T7 Datasheet HTML 2Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 3Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 4Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 5Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 6Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 7Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 8Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 9Page - Intersil Corporation ISL59445IR-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN7456.2
September 8, 2005
FIGURE 9. ISL59424 PSRR CHANNELS A, B, C
FIGURE 10. ISL59445 PSRR CHANNELS A, B, C
FIGURE 11. CHANNEL TO CHANNEL SWITCHING GLITCH
VIN =0V
FIGURE 12. CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V
FIGURE 13. ENABLE SWITCHING GLITCH VIN = 0V
FIGURE 14. ENABLE TRANSIENT RESPONSE VIN = 1V
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1K
-50
-70
PSRR (V+)
PSRR (V-)
10
-20
-40
-60
-80
20
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1K
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
20
-80
VOUT A, B, C
10ns/DIV
0
0
VIN = 0V
S0, S1
50
TERM.
10ns/DIV
0
0
VIN = 1V
VOUT A, B, C
S0, S1
50
TERM.
20ns/DIV
0
0
VIN = 0V
VOUT A, B, C
ENABLE
50
TERM.
VIN = 1V
20ns/DIV
0
0
VOUT A, B, C
ENABLE
50
TERM.
ISL59424, ISL59445


Similar Part No. - ISL59445IR-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59445IRZ INTERSIL-ISL59445IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ RENESAS-ISL59445IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-EVAL INTERSIL-ISL59445IRZ-EVAL Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59445IRZ-EVAL RENESAS-ISL59445IRZ-EVAL Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59445IRZ-T13 INTERSIL-ISL59445IRZ-T13 Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
More results

Similar Description - ISL59445IR-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com